Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5350ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5350ACPZ-R7
Description  LF to 4 GHz High Linearity Y-Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5350ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5350ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LF to 4 GHz
High Linearity Y-Mixer
ADL5350
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Broadband radio frequency (RF), intermediate frequency (IF),
and local oscillator (LO) ports
Conversion loss: 6.8 dB
Noise figure: 6.5 dB
High input IP3: 25 dBm
High input P1dB: 19 dBm
Low LO drive level
Single-ended design: no need for baluns
Single-supply operation: 3 V @ 19 mA
Miniature, 2 mm × 3 mm, 8-lead LFCSP
RoHS compliant
APPLICATIONS
Cellular base stations
Point-to-point radio links
RF instrumentation
FUNCTIONAL BLOCK DIAGRAM
RF
INPUT OR
OUTPUT
IF
OUTPUT OR
INPUT
3V
RF
IF
GND
GND
LO
LO
INPUT
VPOS
ADL5350
Figure 1.
GENERAL DESCRIPTION
The ADL5350 is a high linearity, up-and-down converting
mixer capable of operating over a broad input frequency range.
It is well suited for demanding cellular base station mixer designs
that require high sensitivity and effective blocker immunity. Based
on a GaAs pHEMT, single-ended mixer architecture, the ADL5350
provides excellent input linearity and low noise figure without
the need for a high power level LO drive.
In 850 MHz/900 MHz receive applications, the ADL5350
provides a typical conversion loss of only 6.7 dB. The input IP3
is typically greater than 25 dBm, with an input compression
point of 19 dBm. The integrated LO amplifier allows a low LO
drive level, typically only 4 dBm for most applications.
The high input linearity of the ADL5350 makes the device an
excellent mixer for communications systems that require high
blocker immunity, such as GSM 850 MHz/900 MHz and
800 MHz CDMA2000. At 2 GHz, a slightly greater supply
current is required to obtain similar performance.
The single-ended broadband RF/IF port allows the device to be
customized for a desired band of operation using simple external
filter networks. The LO-to-RF isolation is based on the LO
rejection of the RF port filter network. Greater isolation can be
achieved by using higher order filter networks, as described in
the Applications Information section.
The ADL5350 is fabricated on a GaAs pHEMT, high performance
IC process. The ADL5350 is available in a 2 mm × 3 mm, 8-lead
LFCSP. It operates over a −40°C to +85°C temperature range.
An evaluation board is also available.


Similar Part No. - ADL5350ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5350ACPZ-R7 AD-ADL5350ACPZ-R7 Datasheet
262Kb / 24P
LF to 4 GHz High Linearity Y-Mixer
ADL5350ACPZ-R7 AD-ADL5350ACPZ-R7 Datasheet
409Kb / 24P
LF to 4 GHz High Linearity Y-Mixer
REV. 0
More results

Similar Description - ADL5350ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5519 LINER-LT5519 Datasheet
215Kb / 12P
0.7GHz to 1.4GHz High Linearity Upconverting Mixer
logo
Analog Devices
ADL5350 AD-ADL5350 Datasheet
262Kb / 24P
LF to 4 GHz High Linearity Y-Mixer
logo
Linear Technology
LT5520 LINER-LT5520 Datasheet
190Kb / 12P
1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5579 LINER-LT5579 Datasheet
247Kb / 20P
1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LT5578 LINER-LT5578 Datasheet
212Kb / 16P
0.4GHz to 2.7GHz High Linearity Upconverting Mixer
logo
Analog Devices
ADL5350ACPZ AD-ADL5350ACPZ Datasheet
409Kb / 24P
LF to 4 GHz High Linearity Y-Mixer
REV. 0
AD8342 AD-AD8342_15 Datasheet
818Kb / 24P
Active Receive Mixer LF to 3 GHz
REV. B
logo
Linear Technology
LT5579 LINER-LT5579_15 Datasheet
347Kb / 20P
1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LT5578 LINER-LT5578_15 Datasheet
217Kb / 16P
0.4GHz to 2.7GHz High Linearity Upconverting Mixer
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
High Linearity Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com