Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5350ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5350ACPZ-R7
Description  LF to 4 GHz High Linearity Y-Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5350ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5350ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADL5350
Rev. 0 | Page 18 of 24
2. Tune the LO port input network for optimum return
loss. Typically, a band-pass network is used to pass the
LO signal to the LOIN pin. It is recommended to block
high frequency harmonics of the LO from the mixer
core. LO harmonics cause higher RF frequency images
to be downconverted to the desired IF frequency and
result in sensitivity degradation. If the intended LO
source has poor harmonic distortion and spectral purity,
it may be necessary to employ a higher order band-pass
filter network. Figure 58 illustrates a simple LC band-
pass filter used to pass the fundamental frequency of the
LO source. Capacitor C3 is a simple dc block, while the
Series Inductor L3, along with the gate-to-source
capacitance of the buffer amplifier, form a low-pass
network. The native gate input of the LO buffer (FET)
alone presents a rather high input impedance. The gate
bias is generated internally using feedback that can result
in a positive return loss at the intended LO frequency.
If a better than −10 dB return loss is desired, it may be
necessary to add a shunt resistor to ground before the
coupling capacitor (C3) to present a lower loading
impedance to the LO source. In doing so, a slightly
greater LO drive level may be required.
3. Design the RF and IF filter networks. Figure 58 depicts
simple LC tank filter networks for the IF and RF port
interfaces. The RF port LC network is designed to pass
the RF input signal. The series LC tank has a resonant
frequency at 1/(2π√LC). At resonance, the series reactances
are canceled, which presents a series short to the RF
signal. A parallel LC tank is used on the IF port to reject
the RF and LO signals. At resonance, the parallel LC tank
presents an open circuit.
It is necessary to account for the board parasitics, finite
Q, and self-resonant frequencies of the LC components
when designing the RF, IF, and LO filter networks. Table 8
provides suggested values for initial prototyping.
Table 8. Suggested RF, IF, and LO Filter Networks for Low-Side LO Injection
RF Frequency (MHz)
L1 (nH)1
C1 (pF)
L2 (nH)
C2 (pF)
L3 (nH)
C3 (pF)
450
8.3
10
10
10
10
100
850
6.8
4.7
4.7
5.6
8.2
100
1950
1.7
1.5
1.7
1.2
3.5
100
2400
0.67
1
1.5
0.7
3.0
100
1 The inductor should have a self-resonant frequency greater than the intended frequency of operation. L1 should be a high Q inductor for optimum NF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com