Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5350ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5350ACPZ-R7
Description  LF to 4 GHz High Linearity Y-Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5350ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5350ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADL5350
Rev. 0 | Page 12 of 24
1950 MHz CHARACTERISTICS
Supply voltage = 3 V, RF frequency = 1950 MHz, IF frequency = 190 MHz, RF level = −10 dBm, LO level = 6 dBm, TA = 25°C,
unless otherwise noted.
20
19
18
17
16
15
14
13
12
11
10
TEMPERATURE (°C)
–40
–20
0
20406080
Figure 30. Supply Current vs. Temperature
10
0
1
2
3
4
5
6
7
8
9
TEMPERATURE (°C)
–40
–20
0
20406080
Figure 31. Conversion Loss vs. Temperature
28
18
19
20
21
22
23
24
25
26
27
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
Figure 32. Input IP3 vs. Temperature
23
13
14
15
16
17
18
19
20
21
22
TEMPERATURE (°C)
–40
–20
0
20406080
Figure 33. Input P1dB vs. Temperature
22
20
18
16
14
12
+25°C
–40°C
+85°C
10
2.7
3.5
3.4
3.3
3.2
3.1
3.0
2.9
2.8
SUPPLY VOLTAGE (V)
Figure 34. Supply Current vs. Supply Voltage
7.4
+25°C
–40°C
+85°C
6.0
6.2
6.4
6.6
6.8
7.0
7.2
2.7
3.5
3.4
3.3
3.2
3.1
3.0
2.9
2.8
SUPPLY VOLTAGE (V)
Figure 35. Conversion Loss vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com