Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5350ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5350ACPZ-R7
Description  LF to 4 GHz High Linearity Y-Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5350ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5350ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ADL5350
Rev. 0 | Page 15 of 24
Supply voltage = 3 V, RF frequency = 1950 MHz, IF frequency = 190 MHz, RF level = −10 dBm, LO level = 6 dBm, TA = 25°C,
unless otherwise noted.
12
10
8
6
4
2
0
50
350
300
250
200
150
100
IF FREQUENCY (MHz)
Figure 48. Noise Figure vs. IF Frequency
22
0
2
4
6
8
10
12
14
16
18
20
–6
12
10
8
6
4
2
0
–2
–4
LO LEVEL (dBm)
+25°C
+85°C
–40°C
Figure 49. Supply Current vs. LO Level
20
18
16
14
12
10
8
6
–6
12
10
8
6
4
2
0
–2
–4
LO LEVEL (dBm)
+85°C
–40°C
+25°C
Figure 50. Conversion Loss vs. LO Level
27
25
23
21
19
17
15
13
–6
12
10
8
6
4
2
0
–2
–4
LO LEVEL (dBm)
+85°C
–40°C
+25°C
Figure 51. Input IP3 vs. LO Level
25
24
22
20
18
16
14
12
23
21
19
17
15
13
–6
12
10
8
6
4
2
0
–2
–4
LO LEVEL (dBm)
+85°C
+25°C
–40°C
Figure 52. Input P1dB vs. LO Level
12
11
10
9
8
7
6
5
4
–2
10
8
6
4
2
0
LO LEVEL (dBm)
Figure 53. Noise Figure vs. LO Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com