Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5350ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5350ACPZ-R7
Description  LF to 4 GHz High Linearity Y-Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5350ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5350ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADL5350
Rev. 0 | Page 17 of 24
FUNCTIONAL DESCRIPTION
CIRCUIT DESCRIPTION
The ADL5350 is a GaAs pHEMT, single-ended, passive
mixer with an integrated LO buffer amplifier. The device
relies on the varying drain to source channel conductance
of a FET junction to modulate an RF signal. A simplified
schematic is shown in Figure 57.
RF
GND1
GND2
LOIN
LO
INPUT
VPOS
VS
RF
INPUT
OR OUTPUT
IF
IF
OUTPUT
OR INPUT
Figure 57. Simplified Schematic
The LO signal is applied to the gate contact of a FET-based
buffer amplifier. The buffer amplifier provides sufficient
gain of the LO signal to drive the resistive switch. Additionally,
feedback circuitry provides the necessary bias to the FET
buffer amplifier and RF/IF ports to achieve optimum
modulation efficiency for common cellular frequencies.
The mixing of RF and LO signals is achieved by switching
the channel conductance from the RF/IF port to ground at
the rate of the LO. The RF signal is passed through an external
band-pass network to help reject image bands and reduce
the broadband noise presented to the mixer. The band-
limited RF signal is presented to the time-varying load of
the RF/IF port, which causes the envelope of the RF signal
to be amplitude modulated at the rate of the LO. A filter
network applied to the IF port is necessary to reject the
RF signal and pass the wanted mixing product. In a down-
conversion application, the IF filter network is designed to
pass the difference frequency and present an open circuit
to the incident RF frequency. Similarly, for an upconversion
application, the filter is designed to pass the sum frequency
and reject the incident RF. As a result, the frequency response
of the mixer is determined by the response characteristics
of the external RF/IF filter networks.
IMPLEMENTATION PROCEDURE
The ADL5350 is a simple single-ended mixer that relies
on off-chip circuitry to achieve effective RF dynamic
performance. The following steps should be followed
to achieve optimum performance (see Figure 58 for
component designations):
RF/IF
GND2
LOIN
NC
RF/IF
NC
VPOS
L4
C4
C2
L2
C6
C1
LO
C3
L3
L1
RF
VS
IF
GND1
ADL5350
12
3
4
87
6
5
Figure 58. Reference Schematic
1. Table 7 shows the recommended LO bias inductor
values for a variety of LO frequencies. To ensure efficient
commutation of the mixer, the bias inductor needs to
be properly set. For other frequencies within the range
shown, the values can be interpolated. For frequencies
outside this range, see the Applications Information section.
Table 7. Recommended LO Bias Inductor
Desired LO Frequency (MHz)
Recommended LO Bias
Inductor, L41 (nH)
380
68
750
24
1000
18
1750
3.8
2000
2.1
1 The bias inductor should have a self-resonant frequency greater than
the intended frequency of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com