Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3316 Datasheet(PDF) 5 Page - Microchip Technology

Part # USB3316
Description  Hi-Speed USB Transceiver with 1.8V ULPI Interface - 19.2MHz Reference Clock
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3316 Datasheet(HTML) 5 Page - Microchip Technology

  USB3316 Datasheet HTML 1Page - Microchip Technology USB3316 Datasheet HTML 2Page - Microchip Technology USB3316 Datasheet HTML 3Page - Microchip Technology USB3316 Datasheet HTML 4Page - Microchip Technology USB3316 Datasheet HTML 5Page - Microchip Technology USB3316 Datasheet HTML 6Page - Microchip Technology USB3316 Datasheet HTML 7Page - Microchip Technology USB3316 Datasheet HTML 8Page - Microchip Technology USB3316 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 19.2MHz Reference Clock
SMSC USB3316 REV C
5
Revision 2.1 (06-10-10)
PRODUCT PREVIEW
USB3316 Pin Locations and Descriptions
Package Diagram with Pin Locations
The pinout below is viewed from the top of the package.
Figure 1.1 USB3316 QFN Pinout - Top View
Figure 2 USB3316 VFBGA & UFBGA Pinout - Top View
VBUS
ID
VDD3.3
DM
DP
NXT
DATA0
DATA2
DATA3
DATA1
VBAT
CLKOUT
1
2
3
4
5
6
18
17
16
15
14
13
24Pin QFN
4x4mm
A
E
D
C
B
15
4
3
2
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com