Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3316 Datasheet(PDF) 7 Page - Microchip Technology

Part # USB3316
Description  Hi-Speed USB Transceiver with 1.8V ULPI Interface - 19.2MHz Reference Clock
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3316 Datasheet(HTML) 7 Page - Microchip Technology

Back Button USB3316 Datasheet HTML 3Page - Microchip Technology USB3316 Datasheet HTML 4Page - Microchip Technology USB3316 Datasheet HTML 5Page - Microchip Technology USB3316 Datasheet HTML 6Page - Microchip Technology USB3316 Datasheet HTML 7Page - Microchip Technology USB3316 Datasheet HTML 8Page - Microchip Technology USB3316 Datasheet HTML 9Page - Microchip Technology USB3316 Datasheet HTML 10Page - Microchip Technology USB3316 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 19.2MHz Reference Clock
SMSC USB3316 REV C
7
Revision 2.1 (06-10-10)
PRODUCT PREVIEW
15
C5
DATA[2]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
16
B4
DATA[1]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
17
B5
DATA[0]
I/O,
CMOS
N/A
ULPI bi-directional data bus. DATA[0] is
the LSB.
18
A5
NXT
Output,
CMOS
High
The PHY asserts NXT to throttle the data.
When the Link is sending data to the
PHY, NXT indicates when the current
byte has been accepted by the PHY. The
Link places the next byte on the data bus
in the following clock cycle.
19
A4
DIR
Output,
CMOS
N/A
Controls the direction of the data bus.
When the PHY has data to transfer to the
Link, it drives DIR high to take ownership
of the bus. When the PHY has no data to
transfer it drives DIR low and monitors
the bus for commands from the Link.
20
A3
STP
Input,
CMOS
High
The Link asserts STP for one clock cycle
to stop the data stream currently on the
bus. If the Link is sending data to the
PHY, STP indicates the last byte of data
was on the bus in the previous cycle.
21
B3
VDD1.8
Power
N/A
External 1.8V Supply input pin. This pad
needs to be bypassed with a 0.1uF
capacitor to ground, placed as close as
possible to the USB3316.
22
B2
RESETB
Input,
CMOS,
Low
When low, the part is suspended with all
of the I/O tri-stated. When high the
USB3316 will operate as a normal ULPI
device.
23
A2
REFCLK
Input,
CMOS
N/A
19.2MHz Reference Clock input.
24
A1
RBIAS
Analog,
CMOS
N/A
Bias Resistor pin. This pin requires an
8.06kΩ (±1%) resistor to ground, placed
as close as possible to the USB3316.
FLAG
C3
GND
Ground
N/A
Ground.
QFN only: The flag should be connected
to the ground plane with a via array
under the exposed flag. This is the main
ground for the IC.
Table 1 USB3316 Pin Description (continued)
PIN/
BALL
NAME
DIRECTION/
TYPE
ACTIVE
LEVEL
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com