Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3316 Datasheet(PDF) 8 Page - Microchip Technology

Part # USB3316
Description  Hi-Speed USB Transceiver with 1.8V ULPI Interface - 19.2MHz Reference Clock
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3316 Datasheet(HTML) 8 Page - Microchip Technology

Back Button USB3316 Datasheet HTML 4Page - Microchip Technology USB3316 Datasheet HTML 5Page - Microchip Technology USB3316 Datasheet HTML 6Page - Microchip Technology USB3316 Datasheet HTML 7Page - Microchip Technology USB3316 Datasheet HTML 8Page - Microchip Technology USB3316 Datasheet HTML 9Page - Microchip Technology USB3316 Datasheet HTML 10Page - Microchip Technology USB3316 Datasheet HTML 11Page - Microchip Technology USB3316 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 19.2MHz Reference Clock
Revision 2.1 (06-10-10)
8
SMSC USB3316 REV C
PRODUCT PREVIEW
Application Diagrams
Figure 3 USB3316 BGA Application Diagram (Device)
Link Controller
USB331X
RBIAS
DIR
NXT
STP
CLKOUT
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA0
DATA1
VBAT
VDD3.3
VBUS
DM
DP
ID
RESETB
SPKR_L
SPKR_R/M
USB
Receptacle
DM
DP
DIR
NXT
STP
CLKOUT
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA0
DATA1
RESETB
D3
E4
E1
D1
D4
E5
C4
C5
B4
B5
A3
A5
A4
D5
B2
A1
GND
2
3
VBUS
1
SHIELD
GND
E2
E3
D2
C2
C1
B1
Optional
Switched Signal
to DP/DM
CBYP
CVBUS
3.1-5.5V
Supply
RVBUSmay be installed in this configuration to
assist in protecting the VBUS pin. 820 Ohms
will protect against VBUS transients up to
8.5V. 10K Ohms will protect against
transients up to 10V.
REFCLK
VDD18
B3
1.8V Supply
Reference
COUT
CBYP
CDC_BLOCK
8.06k
Steady state voltage at the VBUS pin must not be
allowed to exceed VVMAX.
RVBUS
NC
A2
C3
The capacitor CVBUSmust be
installed on this side of RVBUS.
Signal at REFCLK
must comply with
VIH and VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com