Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3316 Datasheet(PDF) 10 Page - Microchip Technology

Part # USB3316
Description  Hi-Speed USB Transceiver with 1.8V ULPI Interface - 19.2MHz Reference Clock
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3316 Datasheet(HTML) 10 Page - Microchip Technology

Back Button USB3316 Datasheet HTML 5Page - Microchip Technology USB3316 Datasheet HTML 6Page - Microchip Technology USB3316 Datasheet HTML 7Page - Microchip Technology USB3316 Datasheet HTML 8Page - Microchip Technology USB3316 Datasheet HTML 9Page - Microchip Technology USB3316 Datasheet HTML 10Page - Microchip Technology USB3316 Datasheet HTML 11Page - Microchip Technology USB3316 Datasheet HTML 12Page - Microchip Technology USB3316 Datasheet HTML 13Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 19.2MHz Reference Clock
Revision 2.1 (06-10-10)
10
SMSC USB3316 REV C
PRODUCT PREVIEW
Figure 4 USB3316 BGA Application Diagram (Host or OTG)
Link Controller
USB331X
RBIAS
DIR
NXT
STP
CLKOUT
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA0
DATA1
VBUS
DM
DP
ID
RESETB
SPKR_L
SPKR_R/M
USB
Receptacle
DM
DP
DIR
NXT
STP
CLKOUT
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA0
DATA1
RESETB
A1
2
3
VBUS
1
C1
Optional
Switched Signal
to DP/DM
CVBUS
VBUS Switch
OUT
EN
IN
ID
4
CPEN
5V
REFCLK
VDD18
B3
1.8V Supply
Reference
CBYP
8.06k
Signal at REFCLK
must comply with
VIH and VIL
Voltage at the VBUS pin must not be allowed
to exceed VVMAX.
The capacitor CVBUS must be
installed on this side of RVBUS.
RVBUS may be installed in this
configuration to assist in protecting
the VBUS pin. 820 Ohms will
protect against VBUS transients up
to 8.5V.
RVBUS
VBAT
VDD3.3
D2
C2
COUT
CBYP
3.1 - 5.5V
Supply
GND
SHIELD
E1
D1
E2
E3
B1
D3
E4
D4
E5
C4
C5
B4
B5
A3
A5
A4
D5
B2
A2
GND
C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com