Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3316 Datasheet(PDF) 6 Page - Microchip Technology

Part # USB3316
Description  Hi-Speed USB Transceiver with 1.8V ULPI Interface - 19.2MHz Reference Clock
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3316 Datasheet(HTML) 6 Page - Microchip Technology

Back Button USB3316 Datasheet HTML 2Page - Microchip Technology USB3316 Datasheet HTML 3Page - Microchip Technology USB3316 Datasheet HTML 4Page - Microchip Technology USB3316 Datasheet HTML 5Page - Microchip Technology USB3316 Datasheet HTML 6Page - Microchip Technology USB3316 Datasheet HTML 7Page - Microchip Technology USB3316 Datasheet HTML 8Page - Microchip Technology USB3316 Datasheet HTML 9Page - Microchip Technology USB3316 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 19.2MHz Reference Clock
Revision 2.1 (06-10-10)
6
SMSC USB3316 REV C
PRODUCT PREVIEW
Pin Definitions
The following table details the pin definitions for the figure above.
Table 1 USB3316 Pin Description
PIN/
BALL
NAME
DIRECTION/
TYPE
ACTIVE
LEVEL
DESCRIPTION
1
B1
ID
Input,
Analog
N/A
ID pin of the USB cable. For non-OTG
applications this pin can be floated. For
an A-Device ID is grounded. For a B-
Device ID is floated.
2
C1
VBUS
I/O,
Analog
N/A
VBUS pin of the USB cable. This pin is
used for the Vbus comparator inputs and
for Vbus pulsing during session request
protocol.
3
C2
VBAT
Power
N/A
Regulator input. The regulator supply can
be from 5.5V to 3.1V.
4
D2
VDD3.3
Power
N/A
3.3V Regulator Output. A 2.2uF (<1 ohm
ESR) bypass capacitor to ground is
required for regulator stability. The
bypass capacitor should be placed as
close as possible to the USB3316.
5
D1
DM
I/O,
Analog
N/A
D- pin of the USB cable.
6
E1
DP
I/O,
Analog
N/A
D+ pin of the USB cable.
7
E2
SPKR_R/M
I/O,
Analog
N/A
USB switch in/out for DP signals
8
E3
SPKR_L
I/O,
Analog
N/A
USB switch in/out for DM signals
9
D3
DATA[7]
I/O,
CMOS
N/A
ULPI bi-directional data bus. DATA[7] is
the MSB.
10
E4
DATA[6]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
11
D4
DATA[5]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
12
E5
DATA[4]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
13
D5
CLKOUT
Output,
CMOS
N/A
60MHz reference clock output. All ULPI
signals are driven synchronous to the
rising edge of this clock.
The system must not drive voltage on the
CLKOUT pin following POR or hardware
reset that exceeds the value of VIH_ED.
14
C4
DATA[3]
I/O,
CMOS
N/A
ULPI bi-directional data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com