Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33461 Datasheet(PDF) 12 Page - Tyco Electronics

Part # 33461
Description  SOLISTRAND, Budget and DIAMOND GRIP
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

33461 Datasheet(HTML) 12 Page - Tyco Electronics

Back Button 33461 Datasheet HTML 8Page - Tyco Electronics 33461 Datasheet HTML 9Page - Tyco Electronics 33461 Datasheet HTML 10Page - Tyco Electronics 33461 Datasheet HTML 11Page - Tyco Electronics 33461 Datasheet HTML 12Page - Tyco Electronics 33461 Datasheet HTML 13Page - Tyco Electronics 33461 Datasheet HTML 14Page - Tyco Electronics 33461 Datasheet HTML 15Page - Tyco Electronics 33461 Datasheet HTML 16Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
SOLISTRAND, Budget and DIAMOND GRIP
Uninsulated Terminals and Splices
Catalog 65505
Revised 9-00
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
12
Ring Tongue Terminals
Wire Size
Dimensions
Material
Wire Barrel I.D. Min.
Part Numbers
Circular Mils
Stud
Style
L
E
C
W
Thickness
Solistrand
Budget
Solistrand
Budget
[mm2]
Size
Max.
Max.
Min.
Max.
0
A
.329
.256
.121
.140
.020
—
.035
—
0-31423-0
8.36
6.50
3.07
3.56
0.51
0.89
A
.329
.256
.121
.140
.020
—
.035
—
0-31425-0
8.36
6.50
3.07
3.56
0.51
0.89
2-31425-2
2
A
.450
.346
.211
.203
.020
—
.035
—
0-33695-0
M2
11.43
8.79
5.36
5.16
0.51
0.89
A
.419
.346
.211
.140
.020
.031
.035
0-50334*
0-322771-0
10.64
8.79
5.36
3.56
0.51
0.79
0.89
4
A
.450
.346
.211
.203
.020
—
.035
—
0-31428-0
26–22
11.43
8.79
5.36
5.16
0.51
0.89
202–810
A
.450
.346
.211
.203
.020
—
.035
—
0-31430-0
[0.1–0.41]
6
11.43
8.79
5.36
5.16
0.51
0.89
M3.5
A
.544
.416
.281
.250
.020
.031
.035
0-331401-0
0-32858-0
13.82
10.57
7.14
6.35
0.51
0.79
0.89
1-331401-1
A
.544
.416
.281
.250
.020
—
.035
—
0-32859-0
8
13.82
10.57
7.14
6.35
0.51
0.89
A
.544
.416
.281
.250
.020
—
.035
—
0-32860-0
10
13.82
10.57
7.14
6.35
0.51
0.89
1
A
.449
.337
.156
.218
.033
—
.065
—
0-31087-0
11.40
8.56
3.96
5.54
0.84
1.65
A
.449
.337
.156
.218
.033
.061
.065
0-34103-0
0-31088-0
2
11.40
8.56
3.96
5.54
0.84
1.55
1.65
2-34103-1
M2
A
.446
.353
.172
.182
.033
.061
.065
0-322927-0
1320677-0
11.33
8.97
4.37
4.62
0.84
1.55
1.65
A
.449
.337
.156
.218
.033
.061
.065
0-34104*0
0-31089-0
11.40
8.56
3.96
5.54
0.84
1.55
1.65
2-34104-6
3-31089-6
A
.446
.353
.172
.182
.033
.061
.065
0-36467*
0-36189-0
4
11.33
8.97
4.37
4.62
0.84
1.55
1.65
2-326850-1
A
.621
.493
.312
.250
.033
.061
.065
0-323096-0
0322418-0
15.77
12.52
7.92
6.35
0.84
1.55
1.65
2-323096-2
5
A
.449
.337
.156
.218
.033
—
.065
—
0-31090-0
M3
11.40
8.56
3.96
5.54
0.84
1.65
2-31090-1
22–16
A
.449
.337
.156
.218
.033
.061
.065
0-34105*0
509–3,260
11.40
8.56
3.96
5.54
0.84
1.55
1.65
2-34105-2
0-31091-0
[0.26–1.65]
A
.528
.416
.156
.218
.033
.061
.065
0-34194-0
0-31101-0
6
13.41
10.57
3.96
5.54
0.84
1.55
1.65
A
.574
.436
.250
.281
.033
.061
.065
0-34107*0
0-31264-0
M3.5
14.58
11.07
6.35
7.14
0.84
1.55
1.65
2-34107-2
A
.621
.462
.281
.312
.033
.061
.065
0-34110*0
0-30691*0
15.77
11.73
7.14
7.92
0.84
1.55
1.65
2-34110-3
1-30691-1
A
.653
.478
.297
.344
.033
—
.065
—
0-32822-0
16.59
12.14
7.54
8.74
0.84
1.65
A
.621
.462
.281
.312
.033
.061
.065
0-34111*0
0-30692-0
15.77
11.73
7.14
7.92
0.84
1.55
1.65
2-34111-3
8
A
.574
.436
.250
.281
.033
.061
.065
0-34108*0
0-31265*0
M4
14.58
11.07
6.35
7.14
0.84
1.55
1.65
2-34108-2
A
.653
.478
.297
.344
.033
.061
.065
0-323086-0
0-32823-0
16.59
12.14
7.54
8.74
0.84
1.55
1.65
Note: Part numbers are shown as loose piece over tape mounted product.
*Part numbers are available in small quantity packages.
Wire Size Range
AWG 26 to 16,
CMA 202 to 3,260
[0.1 to 1.65 mm2]
Material
Terminal Body — Copper per
ASTM B-152
Plating — Tin per MIL-T-10727
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com