Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33461 Datasheet(PDF) 33 Page - Tyco Electronics

Part # 33461
Description  SOLISTRAND, Budget and DIAMOND GRIP
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

33461 Datasheet(HTML) 33 Page - Tyco Electronics

Back Button 33461 Datasheet HTML 29Page - Tyco Electronics 33461 Datasheet HTML 30Page - Tyco Electronics 33461 Datasheet HTML 31Page - Tyco Electronics 33461 Datasheet HTML 32Page - Tyco Electronics 33461 Datasheet HTML 33Page - Tyco Electronics 33461 Datasheet HTML 34Page - Tyco Electronics 33461 Datasheet HTML 35Page - Tyco Electronics 33461 Datasheet HTML 36Page - Tyco Electronics 33461 Datasheet HTML 37Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
SOLISTRAND, Budget and DIAMOND GRIP
Uninsulated Terminals and Splices
Catalog 65505
Revised 9-00
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
33
Flag Ring Tongue Terminals
Wire Size
Dimensions
Material
Wire Barrel I.D. Min.
Part Numbers
Circular Mils
Stud
Style
L
C
W
Thickness
Solistrand
Solistrand
[mm2]
Size
Max.
Min.
Max.
16–14
8
.579
.250
.312
.033
.085
325069*1
2,050–5,180
M4
A
14.71
6.35
7.92
0.84
2.16
[1.04–2.62]
10
.579
.250
.312
.033
.085
322819*1
A
14.71
6.35
7.92
.084
2.16
6
.702
.281
.375
.042
.129
36269*1
M3.5
A
17.83
7.14
9.53
1.07
3.28
12–10
8
.702
.281
.375
.042
.129
36270*1
5,180–13,100
M4
A
17.83
7.14
9.53
1.07
3.28
[2.62–6.64]
10
.702
.281
.375
.042
.129
36271*1
A
17.83
7.14
9.53
1.07
3.28
1/4
.702
.281
.375
.042
.129
36272*1
M6
A
17.83
7.14
9.53
1.07
3.28
.791
.250
.500
.043
.180
321051*1
10
B
20.09
6.35
12.70
1.09
4.57
8
.918
.378
.500
.043
.180
321441*1
13,100–20,800
B
23.32
9.60
12.70
1.09
4.57
[6.64–10.5]
1/4
1.130
.525
.609
.043
.180
322727*1
M6
B
28.70
13.34
15.47
1.09
4.57
10
.841
.250
.500
.048
.224
323196*1
A
21.36
6.35
12.70
1.22
5.69
6
1/4
.960
.371
.500
.048
.224
321576*1
20,800–33,100
M6
A
24.38
9.42
12.70
1.22
5.69
[10.5–16.8]
5/16
1.200
.528
.625
.048
.224
321056*1
M8
B
30.48
13.41
15.88
1.22
5.69
3/8
1.200
.528
.625
.048
.224
322204*1
B
30.48
13.41
15.88
1.22
5.69
10
1.048
.368
.546
.051
.280
321059*1
A
26.62
9.35
13.87
1.30
7.11
4
1/4
1.048
.368
.546
.051
.280
321275*1
33,100–52,600
M6
A
26.62
9.35
13.87
1.30
7.11
[16.8–26.7]
5/16
1.278
.530
.682
.051
.280
321060*1
M8
B
32.46
13.46
17.32
1.30
7.11
3/8
1.278
.530
.682
.051
.280
321121*1
B
32.46
13.46
17.32
1.30
7.11
10
1.437
.534
.713
.060
.357
321063*1
B
36.50
13.56
18.11
1.52
9.07
1/4
1.437
.534
.713
.060
.357
321201*1
2
M6
B
36.50
13.56
18.11
1.52
9.07
52,600–83,700
5/16
1.437
.534
.713
.060
.357
321064*1
[26.7–42.4]
M8
B
36.50
13.56
18.11
1.52
9.07
3/8
1.437
.534
.713
.060
.357
321253*1
B
36.50
13.56
18.11
1.52
9.07
10 mm
1.437
.534
.713
.060
.357
184147-1
B
36.50
13.56
18.11
1.52
9.07
*Part numbers are available in small quantity packages.
Wire Size Range
AWG 16 to 2,
CMA 2,050 to 83,700
[1.04 to 42.4 mm2]
Material
Terminal Body — Copper per
ASTM B-152
Plating — Tin per MIL-T-10727
B
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com