Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33461 Datasheet(PDF) 36 Page - Tyco Electronics

Part # 33461
Description  SOLISTRAND, Budget and DIAMOND GRIP
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

33461 Datasheet(HTML) 36 Page - Tyco Electronics

Back Button 33461 Datasheet HTML 32Page - Tyco Electronics 33461 Datasheet HTML 33Page - Tyco Electronics 33461 Datasheet HTML 34Page - Tyco Electronics 33461 Datasheet HTML 35Page - Tyco Electronics 33461 Datasheet HTML 36Page - Tyco Electronics 33461 Datasheet HTML 37Page - Tyco Electronics 33461 Datasheet HTML 38Page - Tyco Electronics 33461 Datasheet HTML 39Page - Tyco Electronics 33461 Datasheet HTML 40Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
SOLISTRAND, Budget and DIAMOND GRIP
Uninsulated Terminals and Splices
Catalog 65505
Revised 9-00
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
36
Butt Splices
Wire Size
Solistrand
Budget
Material
Circular Mils1
Dimensions
Dimensions
Thickness
Part Numbers
[mm2]
Style
L
I.D.
O.D.
L
I.D.
O.D.
Max.
Solistrand
Budget
Max.
Min.
Max.
Max.
Min.
Max.
26–22
Strap
.385
.031
.082
.385
.034
.077
.020
1
321198*1
321024
-0
202–810
9.78
0.79
2.08
9.78
0.86
1.96
0.51
[0.1–0.41]
24–20
Strap
.490
.043
.105
.025
--
324001*1
—
320–1,290
12.45
1.09
2.67
—
—
—
0.64
[0.16–0.65]
Strap
.591
.061
.141
.591
.065
.136
.033
2-321801-3
21-32463-0
22–16
15.01
1.55
3.58
15.01
1.65
3.45
0.84
2-321801-4
509–3,260
Standard
.578
.061
.141
.578
.065
.136
.033
2131818*1
21-34226*0
[0.26–1.65]
14.68
1.55
3.58
14.68
1.65
3.45
0.84
-2-31818-1
Sight
.578
.061
.141
—
—
—
.033
1
330367*1
—
Hole
14.68
1.55
3.58
0.84
Strap
.591
.085
.165
.591
.089
.160
.033
1
322459-1
21-32464-0
15.01
2.16
4.19
15.01
2.26
4.06
0.84
16–14
Standard
.567
.085
.165
.567
.089
.160
.033
2131819*1
21-34227*0
2,050–5,180
14.40
2.16
4.19
14.40
2.26
4.06
0.84
2-31819-1
[1.04–2.62]
Strap
.591
.085
.165
—
—
—
.033
1327025*1
—
15.01
2.16
4.19
0.84
(No Wire Stop)
Sight
.567
.085
.165
—
—
—
.033
1
330368*1
—
Hole
14.40
2.16
4.19
0.84
14–12
Sight
.690
.098
.178
—
—
—
.033
1
321280-1
—
3,260–8,230
Hole
17.53
2.49
4.52
0.84
[1.65–4.17]
Strap
—
—
—
.703
.134
.221
.042
—
21-30953-0
17.86
3.40
5.61
1.07
12–10
Sight
.567
.129
.226
—
—
—
.042
1
330369*1
—
5,180–13,100
Hole
14.40
3.28
5.74
1.07
[2.62–6.64]
Standard
.565
.129
.226
.565
.134
.221
.042
21-
32151*1
21-34228*0
14.35
3.28
5.74
14.35
3.40
5.61
1.07
Strap
.765
.129
.226
.765
.134
.221
.042
1
324893-1
1-324898-0
19.43
3.28
5.74
19.43
3.40
5.61
1.07
8
Standard
.827
.172
.296
—
—
—
.051
21-
34321*1
—
13,100–20,800
21.01
4.37
7.52
1.30
[6.64–10.5]
Sight
.827
.172
.296
—
—
—
.051
21
36906*1
—
Hole
21.01
4.37
7.52
1.30
6
Standard
1.015
.232
.369
—
—
—
.060
21
34322*1
—
20,800–33,100
25.78
5.89
9.37
1.52
[10.5–16.8]
Sight
1.015
.232
.369
—
—
—
.060
21
36886*1
—
Hole
25.78
5.89
9.37
1.52
4
Standard
1.140
.296
.463
—
—
—
.073
21
34323*1
—
33,100–52,600
28.96
7.52
11.76
1.85
[16.8–26.7]
Sight
1.140
.296
.463
—
—
—
.073
1
320238-1
—
Hole
28.96
7.52
11.76
1.85
2
Standard
1.265
.370
.539
—
—
—
.073
35189*
—
52,600–83,700
32.13
9.40
13.69
1.85
[26.7–42.4]
Sight
1.265
.370
.539
—
—
—
.073
322246*
—
Hole
32.13
9.40
13.69
1.85
Note: Part numbers are shown as loose piece over tape mounted product.
*Part numbers are available in small quantity packages.
1
When terminating two or more wires in either end of a butt splice, the combined cross sectional area must be within the listed circular mil area range (CMA).
Wire Size Range
AWG 26 to 2,
CMA 202 to 83,700
[0.1 to 42.4 mm2]
Material
Splice Body — Copper per
ASTM B-152
Plating — Tin per MIL-T-10727
Standard
Sight Hole
Strap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com