Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33461 Datasheet(PDF) 29 Page - Tyco Electronics

Part # 33461
Description  SOLISTRAND, Budget and DIAMOND GRIP
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

33461 Datasheet(HTML) 29 Page - Tyco Electronics

Back Button 33461 Datasheet HTML 25Page - Tyco Electronics 33461 Datasheet HTML 26Page - Tyco Electronics 33461 Datasheet HTML 27Page - Tyco Electronics 33461 Datasheet HTML 28Page - Tyco Electronics 33461 Datasheet HTML 29Page - Tyco Electronics 33461 Datasheet HTML 30Page - Tyco Electronics 33461 Datasheet HTML 31Page - Tyco Electronics 33461 Datasheet HTML 32Page - Tyco Electronics 33461 Datasheet HTML 33Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
SOLISTRAND, Budget and DIAMOND GRIP
Uninsulated Terminals and Splices
Catalog 65505
Revised 9-00
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
29
Long Spring Spade Tongue Terminals
Wire Size
Dimensions
Material
Wire Barrel I.D. Min.
Part Numbers
Circular Mils
Stud
L
E
C
W
X
Thickness
Solistrand
Budget
Solistrand
Budget
[mm2]
Size
Max.
Max.
Min.
Max.
4
.637
.341
.206
.203
.276
.020
—
.034
—
52733-1
26–22
16.18
8.66
5.23
5.16
7.01
0.51
0.86
202–810
6
.666
.370
.235
.250
.276
.020
—
.034
—
52734-1
[0.1–0.41]
M3.5
16.92
9.40
5.97
6.35
7.01
0.51
0.86
8
.696
.400
.265
.281
.290
.020
—
.034
—
52735-1
M4
17.68
10.16
6.73
7.14
7.37
0.51
0.86
4
.673
.392
.201
.203
.276
.033
—
.065
—
53047-1
17.09
9.96
5.11
5.16
7.01
0.84
1.65
6
.709
.429
.238
.250
.276
.033
.061
.065
52709-1*
52700-1
22–16
M3.5
18.01
10.90
6.05
6.35
7.01
0.84
1.55
1.65
509–3,260
8
.756
.461
.270
.281
.290
.033
.061
.065
52710-1*
52701-1
[0.26–1.65]
M4
19.20
11.71
6.86
7.14
7.37
0.84
1.55
1.65
52710-2*
10
.782
.474
.283
.343
.303
.033
—
.065
—
52702-1
19.86
12.04
7.19
8.71
7.70
0.84
1.65
1/4-28 UNF
.879
.536
.340
.437
.333
.033
—
.065
—
53111-2
M6
22.33
13.61
8.64
11.10
8.46
0.84
1.65
6
.709
.429
.238
.250
.276
.033
.085
.089
52712-1*
52703-1
M3.5
18.01
10.90
6.05
6.35
7.01
0.84
2.16
2.26
16–14
8
.756
.461
.270
.281
.290
.033
.085
.089
52713-1*
52704-1
2,050–5,180
M4
19.20
11.71
6.86
7.14
7.37
0.84
2.16
2.26
52713-2*
52704-3
[1.04–2.62]
10
.782
.474
.283
.343
.303
.033
.085
.089
52714-1*
52705-1
19.86
12.04
7.19
8.71
7.70
0.84
2.16
2.26
1/4-28 UNF
.879
.536
.345
.437
.338
.033
—
.089
—
53033-1
M6
22.33
13.61
8.76
11.10
8.59
0.84
2.26
6
.808
.520
.242
.312
.283
.042
.129
.134
52715-1
*
52706-1
M3.5
20.52
13.21
6.15
7.92
7.19
1.07
3.28
3.40
12–10
8
.851
.551
.273
.375
.295
.042
.129
.134
52716-1*
52707-1
5,180–13,100
M4
21.62
14.00
6.93
9.53
7.49
1.07
3.28
3.40
52716-2*
52707-3
[2.62–6.64]
10
.896
.583
.305
.375
.308
.042
.129
.134
52717-1*
52708-1
22.76
14.81
7.75
9.53
7.82
1.07
3.28
3.40
52717-2*
1/4-28 UNF
.966
.623
.345
.437
.338
.042
—
.134
—
52772-1
M6
24.54
15.82
8.76
11.10
8.59
1.07
3.40
Note: Part numbers are shown as loose piece over tape mounted product.
*Part numbers are available in small quantity packages.
Wire Size Range
AWG 26 to 10,
CMA 202 to 13,100
[0.1 to 6.64 mm2]
Material
Terminal Body — Phosphor Bronze
per ASTM B-103
Plating — Tin per MIL-T-10727



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com