Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33461 Datasheet(PDF) 56 Page - Tyco Electronics

Part # 33461
Description  SOLISTRAND, Budget and DIAMOND GRIP
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

33461 Datasheet(HTML) 56 Page - Tyco Electronics

Back Button 33461 Datasheet HTML 52Page - Tyco Electronics 33461 Datasheet HTML 53Page - Tyco Electronics 33461 Datasheet HTML 54Page - Tyco Electronics 33461 Datasheet HTML 55Page - Tyco Electronics 33461 Datasheet HTML 56Page - Tyco Electronics 33461 Datasheet HTML 57Page - Tyco Electronics 33461 Datasheet HTML 58Page - Tyco Electronics 33461 Datasheet HTML 59Page - Tyco Electronics 33461 Datasheet HTML 60Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
SOLISTRAND, Budget and DIAMOND GRIP
Uninsulated Terminals and Splices
Catalog 65505
Revised 9-00
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
56
Application Tooling (Continued)
AMP application tools are designed to
produce a carefully controlled uniform
pressure crimp, regardless of how they
are powered. All tools shown are
specially designed for AMP products
and are precision machined from hard
tool steel.
Hand Operated Power Unit
314979-12 (Hose, head and dies not included)
Refer to the table below for accessories.
Part No. 122271-14
Power Unit Only
(Includes Pressure Release)
115 Volts (60 Hz) — 69120-13
230 Volts (60 Hz) — 69120-23
DYNA-CRIMP Electric
Hydraulic Power Unit
DYNA-CRIMP II
Battery Operated
Hydraulic Power Unit
Power Units Accessories
For Use With
Accessory Description
Accessory
Remarks
Power Unit No.
Part No.
7' Handle Control Assembly—Hose & Cord
59907-7
15' Handle Control Assembly—Hose & Cord
1-59907-5
21' Handle Control Assembly—Hose & Cord
2-59907-1
28' Handle Control Assembly—Hose & Cord
2-59907-8
369120-13
15' Foot Switch Assembly
68284-1
Need Hose Assembly
369120-23
3' Hose Assembly
59909-3
68284-1 Foot Switch
314979-12
7' Hose Assembly
59909-7
Assembly needed with
122271-14
15' Hose Assembly
1-59909-5
these Hose Assemblies
21' Hose Assembly
2-59909-1
and 69120
2' Hose Assembly (1/4” I.D.)
314990-1
More Flexible, Lighter Weight.
3' Hose Assembly (1/4” I.D.)
314990-2
Recommended for use with
7' Hose Assembly (1/4” I.D.)
314990-3
DYNA-CRIMP II Battery
15' Hose Assembly (1/4” I.D.)
314990-4
Operated Hydraulic Power Unit
69120-13
3-Way Multi-Directional Value
592201
For use with
69120-23
3-Way Multi-Directional Value (Elec.Ctl)
59220-21
Foot Switch only
1
Contact AMP Incorporated for usage recommendations.
2
Also see AMP Customer Manual 409-5860.
3
Also see AMP Customer Manual 409-1950.
4
Also see AMP Customer Manual 409-5869.
Note: All Hoses and Handle Control Assemblies have a 3⁄8" high flow male coupler (311470-1) on each end.
All Power Units and Heads have a 3⁄8" high flow female coupler (311471-1).
For additional tooling information, call 1-800-722-1111.
Typical interchangable hose,
head and dies not included
Handle
Control
Hose
Assembly
Foot
Control
Multidirectional
Valve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com