Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM800C Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # VM800C
Description  Embedded Video Engine Credit Card Board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VM800C Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  VM800C Datasheet HTML 1Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 2Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 3Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 4Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 5Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 6Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 7Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 8Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
Copyright © 2013 Future Technology Devices International Limited
VM800C Datasheet
Version 1.0
Document Reference No.: FT_000844
Clearance No.: FTDI#
345
2
Ordering Information
Note that the kits below require a 5V/1A power supply. It is NOT provided in the development kit, but is
offered as an optional accessory, as is the USB to SPI cable, with the following part types:
Part No.
Description
VM800C35A-N
Credit Card Size VM800C module, supports 3.3/5v MCU Adapter
Board, with FPC/FFC 54 LCD connector. No display is provided.
VM800C43A-N
Credit Card Size VM800C module, supports 3.3/5v MCU Adapter
Board, with FPC/FFC 40 LCD. No display is provided.
VM800C35A-D
Credit Card Size VM800C module, supports 3.3/5v MCU Adapter
Board, with FPC/FFC 54 LCD connector, 3.5 inch TFT LCD display
panel preinstalled.
VM800C43A-D
Credit Card Size VM800C module, supports 3.3/5v MCU Adapter
Board, with FPC/FFC 40 LCD connector, 4.3 inch TFT LCD display
panel preinstalled.
VM800C50A-D
Credit Card Size VM800C module, supports 3.3/5v MCU Adapter
Board, with FPC/FFC 40 LCD connector, 5.0 inch TFT LCD display
panel preinstalled.
VA-PSU-UK1
Accessory - UK Model 5V/1A USB Power Supply (Mfr # JX-B0520C-1-B)
VA-PSU-US1
Accessory - US Model 5V/1A USB Power Supply (Mfr # JX-B0520B-1-B)
VA-PSU-EU1
Accessory - EU Model 5V/1A USB Power Supply (Mfr # JX-B0520A-1-B)
VA800A-SPI
Accessory - High Speed Micro USB to SPI adapter for BASIC boards
based on FT232H MPSSE design
VA-FC-1M-BKW
Accessory - Flat USB A to Micro B Cable 1M- Black and White
VA-FC-1M-BLW
Accessory - Flat USB A to Micro B Cable 1M- Blue and White
VA-FC-STYLUS1
Accessory - Resistive Touch Screen Pen Stylus
Table 2-1 – Ordering information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com