Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM800C Datasheet(PDF) 8 Page - Future Technology Devices International Ltd.

Part # VM800C
Description  Embedded Video Engine Credit Card Board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VM800C Datasheet(HTML) 8 Page - Future Technology Devices International Ltd.

Back Button VM800C Datasheet HTML 4Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 5Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 6Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 7Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 8Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 9Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 10Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 11Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 12Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
Copyright © 2013 Future Technology Devices International Limited
VM800C Datasheet
Version 1.0
Document Reference No.: FT_000844
Clearance No.: FTDI#
345
Signal
Pin No
(3.5”)
Pin No
(4.3/5.0”)
Description
G6
26
19
Bit 6 of Green RGB signals,
push-pull output, 4/8mA
sink/source current
G7
27
20
Bit 7 of Green RGB signals,
push-pull output, 4/8mA
sink/source current
B2
30
23
Bit 2 of Blue RGB signals, push-
pull output, 4/8mA sink/source
current.
B3
31
24
Bit 3 of Blue RGB signals, push-
pull output, 4/8mA sink/source
current.
B4
32
25
Bit 4 of Blue RGB signals, push-
pull output, 4/8mA sink/source
current.
B5
33
26
Bit 5 of Blue RGB signals, push-
pull output, 4/8mA sink/source
current.
B6
34
27
Bit 6 of Blue RGB signals, push-
pull output, 4/8mA sink/source
current.
B7
35
28
Bit 7 of Blue RGB signals, push-
pull output, 4/8mA sink/source
current.
XP
48
37
X +ve touch
YM
49
38
Y –ve touch
XM
50
39
X –ve touch
YP
51
40
Y +ve touch
3V3
9,10,11,41,42
4
3V3 Power
GND
12,13,20,21,28,2953,54
3,5,6,13,14,21,22,29,36
Ground
NC
5,6,7,39,40,43,44,45,46,47
35
No connect
Table 3-4 – J1 Pinout
J2 - Selection between lineout or loop back into the power amplifier.
Selection between audio lineout or loop back into the power amplifier. (Footprint only, JP2 next to J2
is connected by default for on board amplifier and on board mini speaker). If J2 is soldered and used
for audio output selection, JP2 needs to be removed.
Pin No.
Name
1 -2
Audio amp enabled
2-3
Audio amp mute, Audio lineout on pin 1
Table 3-5 – J2 Pin Options
J3 – SP+
Audio speaker +ve from the onboard amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com