Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM800C Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # VM800C
Description  Embedded Video Engine Credit Card Board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VM800C Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

Back Button VM800C Datasheet HTML 2Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 3Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 4Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 5Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 6Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 7Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 8Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 9Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 10Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
Copyright © 2013 Future Technology Devices International Limited
VM800C Datasheet
Version 1.0
Document Reference No.: FT_000844
Clearance No.: FTDI#
345
Figure 3-3 - VM800C module top view, 3.5 inch display version
3.2.2 VM800C Connectors
Connectors and jumpers are described in the following sections.
CN1- 2-pin power connector
2 pin connector for 5V/3.3V power input to the board. Alternative to Micro USB connector.
Pin No.
Name
Type
Description
1
VCC
P
5V or 3.3V DC power supply
2
GND
P
Ground
Table 3-2 – CN1 Pinout
CN2- Micro USB Receptical
This receptical is strictly for 5V input to power the board. There is no USB Functionality
Pin No.
Name
Type
Description
1
VBUS
P
5V power supply
2
NC
NA
No connection
3
NC
NA
No connection
4
NC
NA
No connection
5
GND
P
Ground
Table 3-3 – CN2 Pinout
J1- LCD Flex Cable connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com