Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM800C Datasheet(PDF) 21 Page - Future Technology Devices International Ltd.

Part # VM800C
Description  Embedded Video Engine Credit Card Board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VM800C Datasheet(HTML) 21 Page - Future Technology Devices International Ltd.

Back Button VM800C Datasheet HTML 14Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 15Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 16Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 17Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 18Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 19Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 20Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 21Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 22Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21
Copyright © 2013 Future Technology Devices International Limited
VM800C Datasheet
Version 1.0
Document Reference No.: FT_000844
Clearance No.: FTDI#
345
Appendix B - List of Figures and Tables
List of Figures
Figure 3-3 - VM800C module top view, 3.5 inch display version ................................................................ 6
Figure 5-1
– VM800C connects to PC via MPSSE cable. ........................................................................... 15
List of Tables
Table 2-1
– Ordering information ................................................................................................................... 2
Table 3-3
– CN2 Pinout.................................................................................................................................... 6
Table 3-4
– J1 Pinout ....................................................................................................................................... 8
Table 3-5
– J2 Pin Options .............................................................................................................................. 8
Table 3-6
– J5 Pinout ....................................................................................................................................... 9
Table 3-7
– JP1 Pin options ............................................................................................................................ 9
Table 5-2
– MPSSE cable (C232HM-EDHSL-0) connection........................................................................ 16
Table 6-1 -
3.5” TFT Optical specification ................................................................................................... 17
Table 6-2 -
4.3” TFT Optiocal Specification................................................................................................. 18
Table 6-3 -
5” TFT Optiocal Specification.................................................................................................... 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com