Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM800C Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # VM800C
Description  Embedded Video Engine Credit Card Board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VM800C Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  VM800C Datasheet HTML 1Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 2Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 3Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 4Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 5Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 6Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 7Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 8Page - Future Technology Devices International Ltd. VM800C Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Use of FTDI devices in life support and/or safety applications is entirely at the user’s risk, and the user agrees
to defend, indemnify and hold harmless FTDI from any and all damages, claims, suits or expense resulting
from such use.
VM800C Datasheet
Version 1.0
Document Reference No.: FT_000844
Clearance No.: FTDI#
345
FTDI Chip
VM800C Datasheet
Embedded Video Engine
Credit Card Board
General Purpose Multi Media Controller
1
Introduction
The VM800C is a development module for
FTDI’s FT800, which is used to develop and
demonstrate the functionality of the FT800
Embedded Video Engine, EVE. This module
behaves as an SPI slave, and requires a SPI
Master for proper micro-controller interfacing
and system integration.
VM800C modules support 3 different LCD
panel size options. Users can also connect to
different LCD screens as long as they meet
the FT800 technical specification and fit the
VM800C LCD connector.
VM800C35A-D, 3.3/5V micro-
controller adaptor card with 3.5” LCD
touch display
VM800C43A-D, 3.3/5V micro-
controller adaptor card with 4.3” LCD
touch display
VM800C50A-D, 3.3/5V micro-
controller adaptor card with 5.0” LCD
VMFT800C35A-N, 3.3/5V micro-
controller adaptor card, with 3.5”
LCD connector but no display
VMFT800C43A-N, 3.3/5V micro-
controller adaptor card, with 4.3/5.0”
LCD connector but no display
1.1
Features
The VM800C utilises the FTDI FT800
Embedded Video Engine. Graphic, audio and
touch features of the FT800 can be accessed
with the VM800C. For a full list of the FT800’s
features please see the FT800 datasheet.
The VM800C has the following features:
 Ready to use LCD module
 Part types with LCDs supporting resistive
touch with pressure sensing.
 On board LCD backlight LED Driver
 Supports mono audio output
 On board audio power amplifier and micro
speaker
 Flexible power supply. Powering the VM800C
using either a 2.1mm power jack , SPI
master connector or via USB Micro-B port
 5 V tolerant buffers when used with a 5V SPI
Master.


Similar Part No. - VM800C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VM810C ETC2-VM810C Datasheet
915Kb / 20P
VM810C EVE2 CREDIT CARD MODULE
VM810C50A-D ETC2-VM810C50A-D Datasheet
915Kb / 20P
VM810C EVE2 CREDIT CARD MODULE
VM810C50A-N ETC2-VM810C50A-N Datasheet
915Kb / 20P
VM810C EVE2 CREDIT CARD MODULE
logo
Bridgetek Pte Ltd.
VM816C BRIDGETEK-VM816C Datasheet
1Mb / 20P
Embedded Video Engine Credit Card Board
Version 1.0
VM816C50A-D BRIDGETEK-VM816C50A-D Datasheet
1Mb / 20P
Embedded Video Engine Credit Card Board
Version 1.0
More results

Similar Description - VM800C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HS-2604 ETC-HS-2604 Datasheet
290Kb / 1P
EMBEDDED ENGINE BOARD
logo
Future Technology Devic...
FT800 FTDI-FT800 Datasheet
1Mb / 55P
Embedded Video Engine
FT810Q-X FTDI-FT810Q-X Datasheet
2Mb / 60P
Embedded Video Engine
logo
Bridgetek Pte Ltd.
BT815Q BRIDGETEK-BT815Q Datasheet
2Mb / 64P
Embedded Video Engine
Version 1.0
BT817 BRIDGETEK-BT817 Datasheet
2Mb / 59P
Advanced Embedded Video Engine Datasheet
Version 1.1
FT800Q BRIDGETEK-FT800Q Datasheet
1Mb / 46P
Embedded Video Engine
Version 1.4
FT801 BRIDGETEK-FT801 Datasheet
1Mb / 44P
Embedded Video Engine
Version 1.3
FT810Q BRIDGETEK-FT810Q Datasheet
1Mb / 63P
Advanced Embedded Video Engine
Version 1.4
VI800A-N485U BRIDGETEK-VI800A-N485U Datasheet
677Kb / 16P
Embedded Video Engine Plus module
Version 1.2
VM816C BRIDGETEK-VM816C Datasheet
1Mb / 20P
Embedded Video Engine Credit Card Board
Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com