Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R42 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E39-R42
Description  Sensor connectors, reflectors, mounting brackets, accessories
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R42 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E39-R42 Datasheet HTML 5Page - Omron Electronics LLC E39-R42 Datasheet HTML 6Page - Omron Electronics LLC E39-R42 Datasheet HTML 7Page - Omron Electronics LLC E39-R42 Datasheet HTML 8Page - Omron Electronics LLC E39-R42 Datasheet HTML 9Page - Omron Electronics LLC E39-R42 Datasheet HTML 10Page - Omron Electronics LLC E39-R42 Datasheet HTML 11Page - Omron Electronics LLC E39-R42 Datasheet HTML 12Page - Omron Electronics LLC E39-R42 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
9
Specifications
Pin arrangement
Materials
Dimensions
XS3F-_-R
M8 Screw-on cable connectors
Wiring Diagram (M8)
M8
M12
Rated current
1 A
3 A
Rated voltage
125 VDC
125 VDC, 250 VAC
Degree of protection
IP67 (IEC529)
IP67 (IEC529)
Ambient temperature
Operating: -25
C to 70C
Operating: -25
C to 70C
M8
M12
DC type
AC type
M8
M12
Pin Block
PBT resin/light gray or black
PBT resin (UL94V-0), light grey or dark grey
Contacts
Brass/nickel base, 0.4-
m gold plating
Phosphor bronze, nickel base, 0.4-
m gold
plating
Fixture
Brass/nickel plated
Cover
Thermoplastic elastomer/black
Polyester elastomer
O-ring
Rubber
Socket
4 dia.
Straight Connectors
Angled Connectors
4 dia.
9 dia.
1
2
3
4
2.15
1.95 0.5
3
1
2
4
3.4
M8
9 dia.
12.9
L
21.5
31.4
5
30
50
White
Brown
Blue
Black
Cable lead colors
Contact No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com