Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R42 Datasheet(PDF) 31 Page - Omron Electronics LLC

Part # E39-R42
Description  Sensor connectors, reflectors, mounting brackets, accessories
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R42 Datasheet(HTML) 31 Page - Omron Electronics LLC

Back Button E39-R42 Datasheet HTML 27Page - Omron Electronics LLC E39-R42 Datasheet HTML 28Page - Omron Electronics LLC E39-R42 Datasheet HTML 29Page - Omron Electronics LLC E39-R42 Datasheet HTML 30Page - Omron Electronics LLC E39-R42 Datasheet HTML 31Page - Omron Electronics LLC E39-R42 Datasheet HTML 32Page - Omron Electronics LLC E39-R42 Datasheet HTML 33Page - Omron Electronics LLC E39-R42 Datasheet HTML 34Page - Omron Electronics LLC E39-R42 Datasheet HTML 35Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
31
E39-L93FV
35
50
B
12
24
48
176
A
208
8
26.3
20.9
12 dia.
29
53
48
15
°
15
°
Two, 6.6 dia.
E3Z
Model
(typical)
A
B
E3Z
181
53
B
213
38
26.3
20.9
8
A
11
15˚ 15˚
23
Holder (A)
15
24
48
189
197
165
22
12 dia.
8
12 dia.
E3Z
Pipe (B)
Note: The E39-L93XY consists of only the
one joint holder (A) and pipe (B), and
the two hexagonal bolts and nuts. It
cannot be mounted to the Sensor
alone.
E39-L93XY
Model
(typical)
A
B
E3Z
170
40
29.5
9.5
60
15.5
Center of
pole brace
E39-R1
reflector
E39-L96
27
34.5
E39-L96
E39-L98 (Vertical)
56 dia.
Two, R22
4
6.5
(For E3Z)
(E3S-R)
20
16
25
Four, R3.3
Two, R28
Stainless steel
(SUS304)
44±0.2
Two, M6
30
°
30
°
25.4
Screw
(provided)
8.2
E3S-R
8
24
34
48
56
16
2
61
38.5
(A)*
* The Mounting Bracket can
also be attached to surface A.
Mounting holes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com