Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R42 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E39-R42
Description  Sensor connectors, reflectors, mounting brackets, accessories
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R42 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E39-R42 Datasheet HTML 1Page - Omron Electronics LLC E39-R42 Datasheet HTML 2Page - Omron Electronics LLC E39-R42 Datasheet HTML 3Page - Omron Electronics LLC E39-R42 Datasheet HTML 4Page - Omron Electronics LLC E39-R42 Datasheet HTML 5Page - Omron Electronics LLC E39-R42 Datasheet HTML 6Page - Omron Electronics LLC E39-R42 Datasheet HTML 7Page - Omron Electronics LLC E39-R42 Datasheet HTML 8Page - Omron Electronics LLC E39-R42 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2
Cable connectors – quick guide and selection table
Size
Shape
Type
Features
Material
Order code
Extended
Portfolio
andSpecs
on Page
Nut
Cable
M8
General
purpose
(screw)
3 pin (LED
optionally)
Brass (CuZn)
PVC 2 m
PUR 2 m
XS3F-M8PVC3S2M
XS3F-M8PUR3S2M
XS3F-M8PVC3A2M
XS3F-M8PUR3A2M
3
4pin
PVC 2 m
PUR 2 m
XS3F-M8PVC4S2M
XS3F-M8PUR4S2M
XS3F-M8PVC4A2M
XS3F-M8PUR4A2M
3
Detergent
resistant
4 pin
Stainless
steel
(SUS316L)
PVC 2 m
Y92E-
S08PVC4S2M-L
Y92E-
S08PVC4A2M-L
6
Robotic
4 pin
Brass (CuZn)
Robotic
PVC 2 m
XS3F-M421-402-R
XS3F-M422-402-R
8
M12
General
purpose
(screw)
3 wire (LED
optionally)
Brass (CuZn)
PVC 2 m
PUR 2 m
XS2F-M12PVC3S2M
XS2F-M12PUR3S2M
XS2F-M12PVC3A2M
XS2F-M12PUR3A2M
3
4 wire
PVC 2 m
PUR 2 m
XS2F-M12PVC4S2M
XS2F-M12PUR4S2M
XS2F-M12PVC4A2M
XS2F-M12PUR4A2M
3
5 wire
PVC 2 m
PUR 2 m
XS2F-M12PVC5S2M
XS2F-M12PUR5S2M
XS2F-M12PVC5A2M
XS2F-M12PUR5A2M
3
Detergent
resistant
4 wire
Stainless
steel
(SUS316L)
PVC 2 m
Y92E-
S12PVC4S2M-L
Y92E-
S12PVC4A2M-L
6
105°C
Heat
resistant
4 wire
Stainless
steel
(SUS316L)
Heat resist-
ant PVC
2m
XS2F-E421-D80-E
XS2F-E422-D80-E
12
Twist & click 4 wire
Nickel plated
Zinc
PVC 2 m
PUR 2 m
XS5F-D421-D80-A
XS5F-D421-D80-P
XS5F-D422-D80-A
XS5F-D422-D80-P
14
Robotic
4 wire
Brass (CuZn)
Robotic
PVC 2 m
XS2F-D421-D80-R
XS2F-D422-D80-R
8
Fiber
amplifi-
er (E3X)
connec-
tor
Fiber
amplifier
connectors
Special
fiber
connector -
4 wire
PBT
PVC 2 m
E3X-CN21
19
Special
fiber
connector +
M8 plug
Plug: Zinc
diecast
PVC 30 cm
with M8
4-pin plug
E3X-CN21-M3J-2 0.3M
19
Special
fiber
connector +
M12 plug
PVC 30 cm
with M12
4-pin plug
E3X-CN21-M1J 0.3M
19
Photo-
micro-
sensor
(EE-SX)
connec-
tor Cable
connec-
tor
Cable
connector
standard
cable
Nylon
PVC 1 m
EE-1017 1M
21
robotic
cable
EE-1017-R 1M
21
M8/M12
Confection-
able
Plugs and
connectors
for self
assembly
Brass
n.a.
XS2G, XS2C
Y92E_conf
15
M12
Field I/0
boxes
Direct
wiring or
DeviceNet
communi-
cation
-
XW3B, DRT2
18
M8/M12
T-connectors,
covers,
accessories
and extended
wiring
portfolio
n.a.
-
XS2R, XS3R, XY2F, ..
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com