Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R42 Datasheet(PDF) 22 Page - Omron Electronics LLC

Part # E39-R42
Description  Sensor connectors, reflectors, mounting brackets, accessories
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R42 Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button E39-R42 Datasheet HTML 18Page - Omron Electronics LLC E39-R42 Datasheet HTML 19Page - Omron Electronics LLC E39-R42 Datasheet HTML 20Page - Omron Electronics LLC E39-R42 Datasheet HTML 21Page - Omron Electronics LLC E39-R42 Datasheet HTML 22Page - Omron Electronics LLC E39-R42 Datasheet HTML 23Page - Omron Electronics LLC E39-R42 Datasheet HTML 24Page - Omron Electronics LLC E39-R42 Datasheet HTML 25Page - Omron Electronics LLC E39-R42 Datasheet HTML 26Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
22
Dimensions
Connector
EE-1001
Connector
(short-circuited between positive (+) and L terminals)
EE-1001-1
Connector with Cable
EE-1010
Connector with Robot Cable
EE-1010-R
Connector with Robot Cable
EE-1016-R
13
4
2.54 ±0.15
2.9 ±1
0.6
10.8
6
3.9 ±0.4
2.8 ±0.1
0.6
10.8
6
5
1.5
0.8
13
4
1.4
3
7.62
2.54
5.5 ±0.4
0.6
4
2.54
7.62
13
Two, C1
5
13.5
20 ±5
25 ±5
15 ±5
1.4
2.5
2000
3 2
4
1
EE-1010 cable
EE-1010-R cable:
Vinyl-insulated round
cable of 4 dia., 4 cores,
(0.2 mm2 with 1.1-dia.
insulator)
2
10
5.8
8
10
7
16
2,000
1
2
3
4
Robot cable of 2.8 dia., 4 cores,
(0.15 mm2 with 0.8-mm dia.insulator);
Standard length: 2 m
1
2
3
4
Connector with Cable: EE-1017
Vinyl insulated round cord: 4 dia., 4 cores,
(Cross section area of conductor: 0.2 mm2/ insulator: 1.1 mm dia.)
Connector with Robot Cable: EE-1017-R
Robot instrumentation cord: 4 dia., 4 cores,
(Cross section area of conductor: 0.2 mm2/ insulator: 1.1 mm dia.)
2
10
5.8
8
20±5
1,000
+50
0
25±5
15±5
(8)
Connector with Robot Cable
EE-1017-R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com