Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R42 Datasheet(PDF) 32 Page - Omron Electronics LLC

Part # E39-R42
Description  Sensor connectors, reflectors, mounting brackets, accessories
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R42 Datasheet(HTML) 32 Page - Omron Electronics LLC

Back Button E39-R42 Datasheet HTML 28Page - Omron Electronics LLC E39-R42 Datasheet HTML 29Page - Omron Electronics LLC E39-R42 Datasheet HTML 30Page - Omron Electronics LLC E39-R42 Datasheet HTML 31Page - Omron Electronics LLC E39-R42 Datasheet HTML 32Page - Omron Electronics LLC E39-R42 Datasheet HTML 33Page - Omron Electronics LLC E39-R42 Datasheet HTML 34Page - Omron Electronics LLC E39-R42 Datasheet HTML 35Page - Omron Electronics LLC E39-R42 Datasheet HTML 36Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
32
R1
R1
R1.7
R1.7 3.4
5.8
12.5 (13.7)
4.5
6
29
3.4
R20
14
°
Two, 3.2 dia.
3.5
16
R3.5
37.8
(39)
3.2
R25.4
10
°
R1.6
8.8
1.2
E39-L104
E39-L116
7.5
(17.8)
4.1
Two, 3.4
(Two, R2)
(Two, R2)
(Two, R1.1)
(Two, R1.2)
(Two, R1.7)
5
1.6
4
11
9.5
2.2
31.2
2.4
10
90
°
1.2
R1.5 max.
7
15 20.5
9
Three,
M2
(Four, R2)
3
Nut Plate
E39-L117
3.1
3.1
18
11.5
11.2
3.4
4.5
Two, R2
(Two, R1.7)
(Two, R1.7)
90
°
R1
max.
2.4
(23) 15
9
4
9
Two, 2.2
5
5
10
(11.2)
(Two, R1.1)
(Two, R2)
1.2
7
15 20.5
9
Three,
M2
(Four, R2)
3
Nut Plate
E39-L119
12
16
90
°
8
Four, M2 Tap processing
9
7
3.2
2.4
8
2.4
15
10.5
1.2
E39-L120
12
16
8
Four, M2 Tap processing
13.5
6
3.2
2.4
2.4
8
14
22.5
4.2
(5.4)
1.2
E39-L131
11.5
22
1.5
Two, R3.2
15
°
R34
5.5
23.5
6.4
2-R3.2
45
25±0.1
35
25±0.1
65.5
Two,
4.2 dia.
Four, R2.1
4.2
R25
Four, R1
4.2
R25
23.5
35.5
8.5
90
°±1°
6.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com