Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZP53 Datasheet(PDF) 4 Page - Arizona Microtek, Inc

Part # AZP53
Description  Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP53 Datasheet(HTML) 4 Page - Arizona Microtek, Inc

  AZP53_13 Datasheet HTML 1Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 2Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 3Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 4Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 5Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 6Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 7Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 8Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 9Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Arizona Microtek, Inc.
AZP53
Low Phase Noise Sine Wave/CMOS
to LVPECL Buffer/Translator
www.azmicrotek.com
+1-480-962-5881
4
Request a Sample
Mar 2013, Rev 2.2
Figure 2- S11, Parameters, D Input
INPUT TERMINATION
The D input bias is VDD/2 fed through an internal 10kΩ resistor. For clock applications, an input signal of at least
750mVpp ensures the AZP53 meets AC specifications. The input should also be AC coupled to maintain a 50% duty cycle
on the outputs. The input can be driven to any voltage between 0V and VDD without damage or waveform degradation.
D
VDD/2
10k
Input signal
A/R
Figure 3 - Input Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com