Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZP53 Datasheet(PDF) 10 Page - Arizona Microtek, Inc

Part # AZP53
Description  Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP53 Datasheet(HTML) 10 Page - Arizona Microtek, Inc

Back Button AZP53_13 Datasheet HTML 5Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 6Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 7Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 8Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 9Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 10Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 11Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 12Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 13Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Arizona Microtek, Inc.
AZP53
Low Phase Noise Sine Wave/CMOS
to LVPECL Buffer/Translator
www.azmicrotek.com
+1-480-962-5881
10
Request a Sample
Mar 2013, Rev 2.2
Table 6 - AC Characteristics
AC Characteristics (VDD = 3.0V to 3.6V, TA = -40 to 85
°C)
AC Specifications guaranteed by design
Symbol
Characteristic
Min
Typ
Max
Unit
tr / tf
Output Rise/Fall
1,2
80
250
ps
(20% - 80%)
fMAX
Maximum Input Frequency - Sine wave
2
MHz
÷1
800
÷2
1300
VINMAX
Maximum Recommended Input Signal
VDD
Vpp
VINMIN
Minimum Recommended Input Signal
0.2
Vpp
tPLH
Propagation Delay
938
1614
ps
tPHL
Propagation Delay
938
1614
ps
jRMS
RMS Jitter: 12kHz - 20MHz, 155MHz Center Freq
36
fs
nP
Phase Noise
1,2 - 1MHz offset
-165
dBc/Hz
1 Specified with outputs terminated through 50W resistors to V
CC - 2V or Thevenin equivalent.
2 1.5 v p-p sine wave input, AC coupled to D pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com