Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZP53 Datasheet(PDF) 7 Page - Arizona Microtek, Inc

Part # AZP53
Description  Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP53 Datasheet(HTML) 7 Page - Arizona Microtek, Inc

Back Button AZP53_13 Datasheet HTML 3Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 4Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 5Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 6Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 7Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 8Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 9Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 10Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 11Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Arizona Microtek, Inc.
AZP53
Low Phase Noise Sine Wave/CMOS
to LVPECL Buffer/Translator
www.azmicrotek.com
+1-480-962-5881
7
Request a Sample
Mar 2013, Rev 2.2
EVALUATION BOARD (EBP53)
Arizona Microtek’s evaluation board EBP53 provides the most convenient way to test and prototype AZP53 series
circuits. Built for the AZP53Q 1.5x1.0 mm package, it is designed to support both dual and single supply operation. Dual
supply operation (VDD=+2.0V, VSS=-1.3V) enables direct coupling to 50Ω time domain test equipment (Figure 7).
VDD (+2.0 V)
Vbp
M1
M2
M3
M4
D
Vbn
M5
21.1mA
21.1mA
16mA
Q
Q
50
Ω
50
Ω
21.1mA - High
5.1mA - Low
Test
Equipment
Terminations
Output
Stage
VSS (-1.3 V)
Figure 7 - Split Supply LVPECL Output Termination
AC TERMINATION
Clock applications or phase noise/frequency domain testing scenarios typically require AC coupling. Figure 8 below
shows the AC coupling technique. The 200
Ω resistors form the required DC loads, and the 50Ω resistors provide the AC
termination. The parallel combination of the 200
Ω and 50Ω resistors results in a net 40Ω AC load termination. In many
cases this will work well. If necessary, the 50
Ω resistors can be increased to about 56Ω. Alternately, bias tees combined
with current setting resistors will eliminate the lowered AC load impedance. The 50
Ω resistors are typically connected to
ground but can be connected to the bias level needed by the succeeding stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com