Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZP53 Datasheet(PDF) 5 Page - Arizona Microtek, Inc

Part # AZP53
Description  Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP53 Datasheet(HTML) 5 Page - Arizona Microtek, Inc

  AZP53_13 Datasheet HTML 1Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 2Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 3Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 4Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 5Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 6Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 7Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 8Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 9Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Arizona Microtek, Inc.
AZP53
Low Phase Noise Sine Wave/CMOS
to LVPECL Buffer/Translator
www.azmicrotek.com
+1-480-962-5881
5
Request a Sample
Mar 2013, Rev 2.2
OUTPUT TERMINATION TECHNIQUES
The LVPECL compatible output stage of the AZP53 uses a current drive topology to maximize switching speed as
illustrated below in Figure 4. Two current source PMOS transistors (M1-M2) feed the output pins. M5 is an NMOS
current source which is switched by M3 and M4. When M4 is on, M5 takes current from M2. This produces an output
current of 5.1mA (low output state). M3 is off, and the entire 21.1mA flows through the output pin. The associated output
voltage swings match LVPECL levels when external 50
Ω resistors terminate the outputs.
Both Q and Q
¯ should always be terminated identically to avoid waveform distortion and circulating current caused by
unsymmetrical loads. This rule should be followed even if only one output is in use.
VDD (+3.3 V)
Vbp
M1
M2
M3
M4
D
Vbn
M5
21.1mA
21.1mA
16mA
VTT = VDD - 2.0V
Q
Q
50
Ω
50
Ω
21.1mA - High
5.1mA - Low
External
Circuitry
Output
Stage
Figure 4 - Typical Output Termination
DUAL SUPPLY LVPECL OUTPUT TERMINATION
The standard LVPECL loads are a pair of 50
Ω resistors connected between the outputs and V
DD-2.0V (Figure 4). The
resistors provide both the DC and the AC loads, assuming 50
Ω interconnect. If an additional supply is available within the
application, a four resistor termination configuration is possible (Figure 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com