Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZP53 Datasheet(PDF) 9 Page - Arizona Microtek, Inc

Part # AZP53
Description  Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP53 Datasheet(HTML) 9 Page - Arizona Microtek, Inc

Back Button AZP53_13 Datasheet HTML 5Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 6Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 7Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 8Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 9Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 10Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 11Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 12Page - Arizona Microtek, Inc AZP53_13 Datasheet HTML 13Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Arizona Microtek, Inc.
AZP53
Low Phase Noise Sine Wave/CMOS
to LVPECL Buffer/Translator
www.azmicrotek.com
+1-480-962-5881
9
Request a Sample
Mar 2013, Rev 2.2
PERFORMANCE DATA
Table 4 - Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which device life may be impaired.
Symbol
Characteristic
Rating
Unit
VDD
Power Supply
0 to +5.5
V
VI
Input Voltage
-0.5 to VDD + 0.5
V
TA
Operating Temperature Range
-40 to +85
°C
TSTG
Storage Temperature Range
-65 to +150
°C
ESDHBM
Human Body Model
2500
V
ESDMM
Machine Model
200
V
ESDCDM
Charged Device Model
2500
V
Table 5 - DC Characteristics
DC Characteristics (VDD = 3.0V to 3.6V unless otherwise specified, TA = -40 to 85
°C)
Symbol
Characteristic
Conditions
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
1
-40 C
VDD = 3.3V
2.05
2.415
V
25 C
2.05
2.48
85 C
2.05
2.54
VOL
Output LOW Voltage
1
-40 C
VDD = 3.3V
1.365
1.615
V
25 C
1.43
1.68
85 C
1.49
1.74
IZ
Output Leakage Current, Tri-state
2
EN=Disable
-10
10
μA
VIH
High Level Input Voltage
EN_SEL
2
V
DIV_SEL
VIL
Low Level Input Voltage
EN
0.8
V
IPU
Pullup Current
EN_SEL
2.2
μA
IPD
Pulldown Current
DIV_SEL
-2.2
μA
IP
Pullup/Pulldown Current
EN
±2.2
μA
RBIAS
Bias Resistor
D Input to Internal VDD/2 Reference
10k
Ω
IDD
Power Supply Current
22
35
mA
IDDZ
Power Supply Current –
D Input ≤ V
IL
8
mA
Outputs Tri-state
1
EN=Disable
1 Specified with outputs terminated through 50
Ω resistors to V
DD - 2V or Thevenin equivalent.
2 Measured at Q / Q pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com