Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7A-R6A18 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # B7A-R6A18
Description  CS1 Ordering Guide C200H Basic I/O Modules
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7A-R6A18 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button B7A-R6A18 Datasheet HTML 5Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 6Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 7Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 8Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 9Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 10Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 11Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 12Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
CS1 Ordering Guide
486
C200H High-density I/O Modules
Item
Description
Mountable racks
Standards
Part number
CPU
Rack
C200H
Expan-
sion
I/O
Racks
CS1
Expan-
sion
Racks
SYSMAC
BUS Slave
Racks
DC Input Modules
24 VDC, 32 inputs
Yes
Yes
Yes
Yes
U, C, N, L, CE
C200H-ID215
TTL Input Modules
5 VDC, 32 inputs
Yes
Yes
Yes
Yes
,
,
, ,
C200H-ID501
Transistor Output
Modules
24 VDC, 32 sinking outputs
Yes
Yes
Yes
Yes
C200H-OD215
TTL Output Modules
5 VDC, 32 sinking outputs
Yes
Yes
Yes
Yes
C200H-OD501
TTL I/O Modules
5 VDC, 16 inputs, 16 sinking outputs
Yes
Yes
Yes
Yes
C200H-MD501
DC Input/Transistor
O t
t M d l
24 VDC, 16 inputs, 16 sinking outputs
Yes
Yes
Yes
Yes
C200H-MD215
Output Modules
12 VDC, 16 inputs, 16 sinking outputs
Yes
Yes
Yes
Yes
U, C
C200H-MD115
Connectors for C200H High-density I/O Modules
Item
Connection
Fujitsu parts
Standards
Part number
Applicable Connectors
Solder-type
(included with Module)
Socket: FCN-361J024-AU
Connector bar: FCN-360C024-J2
C500-CE241
Crimp-type
Socket: FCN-363J024
Connector bar: FCN-360C024-J2
Contacts: FCN-363J-AU
C500-CE242
Ribbon-crimp
C500-CE243
Special Note: For current consumption, refer to
Current Consumption Tables (the last 6 pages of this ordering guide).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com