Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7A-R6A18 Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # B7A-R6A18
Description  CS1 Ordering Guide C200H Basic I/O Modules
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7A-R6A18 Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button B7A-R6A18 Datasheet HTML 14Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 15Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 16Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 17Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 18Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 19Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 20Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 21Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 22Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
CS1 Ordering Guide
495
C200H Special I/O Modules
Item
Description
Mountable racks
Standards
Part number
CPU
Rack
C200H
expansion
I/O Racks
CS1 Ex-
pansion
Racks
SYSMAC
BUS Slave
Racks
Analog
Output
Modules *
4to20mA, 1to5V, 0 to 10 V
(selectable); 2 outputs;
1/4,000 resolution
Yes
Yes
Yes
Yes
U, C, N, L
C200H-DA001
4to20mA, --10 to +10V
(selectable), 4 outputs;
1/4,000 resolution
Yes
Yes
Yes
Yes
U, C, N, L, CE
C200H-DA002
1to5V, --10to+10 V (selectable),
8 outputs; 1/4,000 resolution
Yes
Yes
Yes
Yes
C200H-DA003
4to20mA, 8outputs;
1/4,000 resolution
Yes
Yes
Yes
Yes
C200H-DA004
Analog I/O
Modules *
2 inputs (4 to 20 mA,1 to 5 V, etc.)
2 outputs (4 to 20 mA, 1 to 5 V etc.)
Yes
Yes
Yes
Yes
C200H-MAD01
High-speed
Counter
M d l
One-axis pulse input, counting rate:
50 kcps max.
Yes
Yes
Yes
Yes
U, C, CE
C200H-CT001-V1
Modules
One-axis pulse input, counting rate:
75 kcps max., line driver compatible
Yes
Yes
Yes
Yes
C200H-CT002
Two-axis pulse input, counting rate:
75 kcps max., line driver compatible
Yes
Yes
Yes
Yes
C200H-CT021
Solder terminal; 40-pin and a
Connector Cover
C500-CE401
Solderless terminal; 40-pin and
a Connector Cover
(Crimp-type)
C500-CE402
Pressure welded terminal;
40-pin
C500-CE403
Solder terminal; 40-pin and a
Connector Cover
(Horizontal-type)
C500-CE404
(
y
)
Crimp-style terminal; 40-pin and
a Connector Cover
(Horizontal-type)
C500-CE405
Motion
Control
M d l
*
G-language programmable,
two-axis analog outputs
Yes
Yes
Yes
Yes
U, C, CE
C200H-MC221
Modules *
MC Support Software
IBM PC/AT or compatible
CV500-ZN3AT1-E
Connecting Cable: 3.3 m
CQM1-CIF01
Teaching Box
U, C, CE
CVM1-PRO01
Connection Cable for Teaching
Box: 2 m long
CV500-CN224
Memory Pack (with key sheet)
CVM1-MP702
Terminal Block Conversion Module
Simplifies wiring.
XW2B-20J6-6
Connecting cable for Terminal
Block Conversion Module
XW2Z-100J-F1
Connecting Cable (to servo drive)
R88A-CPU001-M1
Special Note: For current consumption, refer to
Current Consumption Tables (the last 6 pages of this ordering guide).
*See CS1 Versions -- several pages forward.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com