Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7A-R6A18 Datasheet(PDF) 30 Page - Omron Electronics LLC

Part # B7A-R6A18
Description  CS1 Ordering Guide C200H Basic I/O Modules
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7A-R6A18 Datasheet(HTML) 30 Page - Omron Electronics LLC

Back Button B7A-R6A18 Datasheet HTML 26Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 27Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 28Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 29Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 30Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 31Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 32Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 33Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 34Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
CS1 Ordering Guide
4:7
Current Consumption Tables
The amount of current/power that can be supplied to the Modules mounted in a Rack is limited by the capacity of the Rack’s Power
Supply.
Consider the Current/Power Consumption When Designing the System
• The total current consumption of the Modules must not exceed the maximum current for each voltage group.
• The total power consumption must not exceed the maximum for the Power Supply
CPU Racks and Expansion Racks
The following table shows the maximum currents and power that can be supplied by Power Supplies on CPU Racks and Expansion
Racks (both CS1 Expansion Racks and C200HW Expansion I/O Racks).
Note:
1.
When calculating current/power consumption in a CPU Rack, be sure to include the power required by the CPU Rack and CPU themselves.
2.
Likewise, be sure to include the power required by the Rack itself when calculating the current/power consumption in an Expansion Rack.
Power Supply
Max. Current Capacity
Max. Total Power
C
ti
y
5-V group
26-V group
24-V group
Consumption
C200HW-PA204
4.6 A
0.6 A
None
30 W
C200HW-PA204S
4.6 A
0.6 A
0.8 A
30 W
C200HW-PA204R
4.6 A
0.6 A
None
30 W
C200HW-PD204
4.6 A
0.6 A
None
30 W
C200HW-PA209R
9A
1.3 A
None
45 W
SYSMAC BUS Slave Racks
The following table shows the maximum current and power supplied by Power Supplies in SYSMAC BUS Slave Racks.
Note: Be sure to include the power required by the Rack itself when calculating current/power consumption.
Slave Module
Max. Current Capacity
Max. Total Power
C
ti
5-V group
26-V group
24-V group
Consumption
C200H-RT201 (Wired)
2.7 A
0.6 A
0.3 A
28 W
C200H-RT202 (Wired)
2.7 A
0.6 A
None
23 W
C200H-RT001-P (Fiber-optic)
2.7 A
0.6 A
0.3 A
28 W
C200H-RT002-P (Fiber-optic)
2.7 A
0.6 A
None
23 W
Note: The current consumed by each voltage group must not exceed the maximum current shown in the table above.
Be Sure Both Condition 1 and Condition 2 (Listed Below) Are Met
Condition 1: Maximum Current Supply
1.
Current required at 5 VDC by all Modules (A)
≤ Max. Current shown in table
2.
Current required at 26 VDC by all Modules (B)
≤ Max. Current shown in table
3.
Current required at 24 VDC by all Modules (C)
≤ Max. Current shown in table
Condition 2: Maximum Total Current Supply
1.
A
× 5VDC +B × 26 VDC + C × 24 VDC ≤ Max. Power shown in table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com