Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7A-R6A18 Datasheet(PDF) 32 Page - Omron Electronics LLC

Part # B7A-R6A18
Description  CS1 Ordering Guide C200H Basic I/O Modules
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7A-R6A18 Datasheet(HTML) 32 Page - Omron Electronics LLC

Back Button B7A-R6A18 Datasheet HTML 28Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 29Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 30Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 31Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 32Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 33Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 34Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 35Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 36Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
CS1 Ordering Guide
4:9
Current Consumption Tables
5 VDC Voltage Group — CPUs, Communication Boards, and Racks
Item
Consumption
Part number
CPU Modules
1.10 A
CS1H-CPU67-E(V
P
P
P
P)
(These values include current consumption by a Programming Console or
CX P
)
1.10 A
CS1H-CPU66-E(V
P
P
P
P)
(
y
g
g
CX-Programmer.)
1.10 A
CS1H-CPU65-E(V
P
P
P
P)
1.10 A
CS1H-CPU64-E(V
P
P
P
P)
1.10 A
CS1H-CPU63-E(V
P
P
P
P)
0.95 A
CS1G-CPU45-E(V
P
P
P
P)
0.95 A
CS1G-CPU44-E(V
P
P
P
P)
0.95 A
CS1G-CPU43-E(V
P
P
P
P)
0.95 A
CS1G-CPU42-E(V
P
P
P
P)
Communication Boards
0.28 A (See Note.)
CS1W-SCB21
0.36 A (See Note.)
CS1W-SCB41
CPU Racks
0.11 A
CS1W-BC023
0.11 A
CS1W-BC033
0.11 A
CS1W-BC053
0.11 A
CS1W-BC083
0.11 A
CS1W-BC103
CS1 Racks
0.23 A
CS1W-BI023
0.23 A
CS1W-BI033
0.23 A
CS1W-BI053
0.23 A
CS1W-BI083
0.23 A
CS1W-BI103
C200H/HW Expansion I/O Racks
0.15 A
C200HW-BI031
0.15 A
C200HW-BI051
0.15 A
C200HW-BI081
0.15 A
C200HW-BI101
Note:
Add 0.15 A per port when the NT-AL001-E is connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com