Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7A-R6A18 Datasheet(PDF) 29 Page - Omron Electronics LLC

Part # B7A-R6A18
Description  CS1 Ordering Guide C200H Basic I/O Modules
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7A-R6A18 Datasheet(HTML) 29 Page - Omron Electronics LLC

Back Button B7A-R6A18 Datasheet HTML 25Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 26Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 27Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 28Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 29Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 30Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 31Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 32Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 33Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
CS1 Ordering Guide
4:6
Optional Products
Module Accessories
Item
Description
Standards
Part number
I/O Module Cover
Cover for 10-pin terminal block
C200H-COV11
Terminal Block Covers
Short protection for 10-pin terminal block (package of 10 covers); 8 pts
C200H-COV02
Short protection for 19-pin terminal block (package of 10 covers); 12 pts
C200H-COV03
C200H Module
Connector Cover
Protective cover for unused I/O Connecting Cable connectors
C500-COV02
CS1 Special I/O Module
Connector Cover
Protective cover for unused I/O Connecting Cable connectors
CV500-COV01
Relay
24 VDC, for C200H-OC221/OC222/OC223/OC224/OC225
G6B-1174P-FD-US
Mounting Rails and Accessories
Item
Description
Standards
Part number
Programming Console
Mounting Bracket
Used to attach C200H-PRO27-E Hand-held Programming Console to a
panel.
C200H-ATT01
DIN-rail Mounting Bracket
1 set (2 included)
C200H-DIN01
DIN Rails
Length: 50 cm; height: 7.3 cm
PFP-50N
Length: 1 m; height: 7.3 cm
PFP-100N
Length: 50 cm; height: 16 mm
PFP-100N2
End Plate
---
PFP-M
Spacer
---
PFP-S
C200HW Expansion
I/O Rack Insulation
Electrically insulate C200HW
Expansion I/O Racks from the control panel to
For 3-slot Rack
N, L, CE
C200HW-ATT32
I/O Rack Insulation
Plates
Expansion I/O Racks from the control panel to
increase noise-resistance.
For 5-slot Rack
C200HW-ATT52
For 8-slot Rack
C200HW-ATT82
For 10-slot Rack
C200HW-ATTA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com