Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7A-R3A13 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # B7A-R3A13
Description  CS1 Ordering Guide C200H Basic I/O Modules
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7A-R3A13 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button B7A-R3A13 Datasheet HTML 9Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 10Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 11Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 12Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 13Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 14Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 15Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 16Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
CS1 Ordering Guide
48:
High-density I/O Relay Blocks, Bases and Dedicated Cables
G7TC Relay I/O Blocks
Item/Description
Part number
I/O classification
I/O points
Internal I/O circuit common
Rated coil voltage
Input
16 points
NPN (Œ common)
24 VDC
G7TC-ID16 DC24V
(
)
G7TC-ID16-5 DC24V
(See Note 1.)
NPN (Œ common)
110/120 VAC
G7TC-IA16 AC110/120V
(
)
G7TC-IA16-5 AC100/110V
(See Note 1.)
220/240 VAC
G7TC-IA16 AC220/240V
Output
(S
N t 2 )
16 points
NPN (
⊕ common)
12 VDC
G7TC-OC16 DC12V
(See Note 2.)
(
)
24 VDC
G7TC-OC16 DC24V
PNP (Œ common)
24 VDC
G7TC-OC16-1 DC24V
8 points
NPN (
⊕ common)
12 VDC
G7TC-OC08 DC12V
(
)
24 VDC
G7TC-OC08 DC24V
PNP (Œ common)
24 VDC
G7TC-C08-1 DC24V
Note:
1.
The “-5” Block is for use with the DRT1-ID16X DeviceNet Remote adapter.
2.
Output relays are rated up to 250 VAC. See
Specifications (within the G7TC data sheet) for specific relay ratings.
P7TF block bases and I/O Relays
Combine I/O Relays and P7TF Block Bases to match your application requirements. Use the table below to configure Relay I/O Blocks.
I/O points
Internal I/O circuit
Part number
Block Base
I/O Relay
Solid State Relay
16 inputs
(AC
il)
NPN (-- common)
P7TF-IS16 AC110/120V
1A
G7T-1122S AC110/120 or
25 mA
G3TA-IAZR02S AC100/240V
(AC coil)
(
)
G7T-1122S AC200/220V
16 inputs
(DC coil)
NPN (-- common)
P7TF-IS16 DC24V
1A
G7T-1122S DC24V
25 mA
G3TA-DZR02S DC5--24V
16 outputs
(DC
il)
NPN (+ common)
P7TF-OS16 DC12V
5A
G7T-1112S DC12V
2A
G3TA-ODX02S 12VDC
(DC coil)
NPN (+ common)
P7TF-OS16 DC24V
5A
G7T-1112S DC24V
2A
G3TA-ODX02S DC24V or
PNP (-- common)
P7TF-OS16-1 DC24V
5A
G7T-1112S DC24V
1A
G3TA-OD201S DC24V
8 outputs
(DC
il)
NPN (+ common)
P7TF-OS08 DC12V
5A
G7T-1112S DC12V
2A
G3TA-ODX02S 12VDC
(DC coil)
NPN (+ common)
P7TF-OS08 DC24V
5A
G7T-1112S DC24V
2A
G3TA-ODX02S DC24V or
PNP (-- common)
P7TF-OS08-1 DC24V
5A
G7T-1112S DC24V
1A
G3TA-OD201S DC24V
Accessories (order separately)
Item/Description
Part number
Single I/O socket for SPST and SPDT Relays
P7TF-05
Indicator module for AC (with varistor surge suppression)
P70A
Indicator module for AC (with varistor surge suppression)
P70A
Indicator module for DC (with diode surge suppression)
P70D
Output short circuit protection module
G77-5
Shorting bar
G78-04
Finger protection cover for 16 pt block
G78-E
Finger protection cover for 16 pt block
G78-E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com