Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7A-R3A13 Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # B7A-R3A13
Description  CS1 Ordering Guide C200H Basic I/O Modules
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7A-R3A13 Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button B7A-R3A13 Datasheet HTML 11Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 12Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 13Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 14Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 15Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 16Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 17Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 18Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
CS1 Ordering Guide
48<
High-density I/O Relay Blocks, Bases and Dedicated Cables
Dedicated Connecting Cables for Omron PLC Modules
The following cables are designed to connect directly to Omron PLC modules and have dedicated connectors for specific models.
Item
Length
Part number
Connecting Cable with three connectors
for CS1 Series 96-pt High-density I/O Modules
1.5 m (4.92 ft) + 1.25 m (4.10 ft) + 1 m (3.28 ft)
G79-150C-125-100
2 m (6.56 ft) + 1.75 m (5.74 ft) + 1.5 m (4.92 ft)
G79-200C-175-150
3 m (9.84 ft) + 2.75 m (9.02 ft) + 2.5 m (8.20 ft)
G79-300C-275-250
Connecting Cable with two connectors
for C200H 32-pt and 64-pt Group-2
1 m (3.28 ft) + 0.75 m (2.46 ft)
G79-O100C-75
for C200H 32- t and 64- t Grou -2
High-density I/O Modules
1.5 m (4.92 ft) + 1.25 m (4.10 ft)
G79-O150C-125
2 m (6.56 ft) + 1.75 m (5.74 ft)
G79-O200C-175
3 m (9.84 ft) + 2.75 m (9.02 ft)
G79-O300C-275
5 m (16.40 ft) + 4.75 m (15.58 ft)
G79-O500C-475
Connecting Cable with one connector
for C200H 32-pt High-density I/O Modules
1 m (3.28 ft)
G79-100C
for C200H 32-pt High-density I/O Modules
1.5 m (4.92 ft)
G79-150C
2 m (6.56 ft)
G79-200C
3 m (9.84 ft)
G79-300C
5 m (16.40 ft)
G79-500C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com