Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7A-R3A13 Datasheet(PDF) 35 Page - Omron Electronics LLC

Part # B7A-R3A13
Description  CS1 Ordering Guide C200H Basic I/O Modules
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7A-R3A13 Datasheet(HTML) 35 Page - Omron Electronics LLC

Back Button B7A-R3A13 Datasheet HTML 30Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 31Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 32Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 33Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 34Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 35Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 36Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 37Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 38Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
CS1 Ordering Guide
4:<
Current Consumption Tables
5 VDC Voltage Group — Special I/O Modules
Item
Description
Consumption (A)
Part number
C200H Special I/O Modules
Temperature Control Modules
0.33
C200H-TC001
0.33
C200H-TC002
0.33
C200H-TC003
0.33
C200H-TC101
0.33
C200H-TC102
0.33
C200H-TC103
Heat/Cool Temperature Control Modules
0.33
C200H-TV001
0.33
C200H-TV002
0.33
C200H-TV003
0.33
C200H-TV101
0.33
C200H-TV102
0.33
C200H-TV103
Temperature Sensor Modules
0.45
C200H-TS001
0.45
C200H-TS002
0.45
C200H-TS101
0.45
C200H-TS102
Process Control Modules
0.33
C200H-PID01
0.33
C200H-PID02
0.33
C200H-PID03
Cam Positioner Module
0.30
C200H-CP114
ASCII Modules
0.20
C200H-ASC02
0.25
C200H-ASC11
0.30
C200H-ASC21
0.30
C200H-ASC31
Analog Input Modules
0.55
C200H-AD001
g
0.45
C200H-AD002
0.10
C200H-AD003
Analog Output Modules
0.65
C200H-DA001
g
0.60
C200H-DA002
0.10
C200H-DA003
0.10
C200H-DA004
Analog I/O Modules
0.10
C200H-MAD01
High-speed Counter Modules
0.30
C200H-CT001-V1
g
0.30
C200H-CT002
0.45
C200H-CT021
Motion Control Module
0.65 (0.85 for Teach-
ing Box)
C200H-MC221
Position Control Modules
0.50
C200H-NC211
0.15
C200H-NC111
0.15
C200H-NC112
0.30
C200HW-NC113
0.30
C200HW-NC213
0.50
C200HW-NC413
Voice Module
0.30
C200HW-OV001
(This table continues on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com