Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7A-R3A13 Datasheet(PDF) 33 Page - Omron Electronics LLC

Part # B7A-R3A13
Description  CS1 Ordering Guide C200H Basic I/O Modules
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7A-R3A13 Datasheet(HTML) 33 Page - Omron Electronics LLC

Back Button B7A-R3A13 Datasheet HTML 29Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 30Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 31Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 32Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 33Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 34Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 35Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 36Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 37Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
CS1 Ordering Guide
4::
Current Consumption Tables
5 VDC Voltage Group — Basic I/O Modules
Item
Description
Consumption (A)
Part number
C200H Input modules
DC Input modules
0.01
C200H-ID211
0.01
C200H-ID212
AC Input Modules
0.01
C200H-IA121
0.01
C200H-IA122
0.01
C200H-IA122
0.01
C200H-IA221
0.01
C200H-IA222
0.01
C200H-IA222V
AC/DC Input Modules
0.01
C200H-IM211
0.01
C200H-IM212
B7A Interface Modules
0.10
C200H-B7AI1
0.10
C200H-B7A12
Interrupt Input Module
0.02
C200HS-INT01
C200H Group-2 High-density Input Modules
DC Input Modules
0.10
C200H-ID216
g
y
0.12
C200H-ID217
0.10
C200H-ID218
0.12
C200H-ID219
0.12
C200H-ID111
CS1 High-Density Input Modules
DC Input Modules
0.20
CS1W-ID291
C200H Output Modules
Relay Output Modules
0.01
C200H-OC221
y
0.01
C200H-OC222
0.008
C200H-OC222
0.05
C200H-OC225
0.03
C200H-OC226
0.01
C200H-OC223
0.01
C200H-OC224
0.01
C200H-OC224
Transistor Output Modules
0.14
C200H-OD411
0.14
C200H-OD213
0.14
C200H-OD214
0.01
C200H-OD216
0.16
C200H-OD211
0.01
C200H-OD217
0.18
C200H-OD212
0.16
C200H-OD21A
B7A Interface Modules
0.10
C200H-B7A01
0.10
C200H-B7A02
Triac Output Modules
0.18
C200H-OA122E
0.18
C200H-OA223
0.20
C200H-OA222
0.27
C200H-OA224
C200H Group-2 High-density Output
M d l
Transistor Output Modules
0.18
C200H-OD218
g
y
Modules
0.27
C200H-OD219
CS1 High-Density Output Modules
Transistor Output Modules
0.48
CS1W-OD291
g
y
0.48
CS1W-OD292
CS1 High-Density I/O Modules
DC Input/Transistor Output Modules
0.35
CS1W-MD291
g
y
0.35
CS1W-MD292
C200H I/O Modules
B7A Interface Modules
0.10
C200H-B7A21
0.10
C200H-B7A22
Analog Timer Module
0.06
C200H-TM001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com