Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7A-R3A13 Datasheet(PDF) 26 Page - Omron Electronics LLC

Part # B7A-R3A13
Description  CS1 Ordering Guide C200H Basic I/O Modules
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7A-R3A13 Datasheet(HTML) 26 Page - Omron Electronics LLC

Back Button B7A-R3A13 Datasheet HTML 22Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 23Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 24Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 25Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 26Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 27Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 28Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 29Page - Omron Electronics LLC B7A-R3A13 Datasheet HTML 30Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
CS1 Ordering Guide
4:3
DeviceNet Multiple I/O Terminal Modules
DeviceNet Communications Module
Item/Description
Part number
Number of slaves
Number of slave I/O points
Rated voltage
Standards
8
1,024 max., input and output combined
24 VDC
U, C, CE
DRT1-COM
Digital I/O Modules
Item
Classification
Internal I/O circuit
common
I/O
points
I/O connec-
tions
I/O
specifications
Standards
Part number
Terminal
Bl
k
Digital input
NPN (+ common)
16
M3 terminal
bl
k
DC/Tr
U, C, CE
GT1-ID16
Block-type
Digital I/O
g
PNP (-- common)
block
,
,
GT1-ID16-1
Digital I/O
Modules
Digital output
NPN (-- common)
0.5 A DC/Tr
GT1-OD16
Modules
g
PNP (+ common)
GT1-OD16-1
Connector-type
Di i l I/O
Digital input
NPN (+ common)
Molex con-
DC/Tr
GT1-ID16MX
y
Digital I/O
Modules
PNP (-- common)
nectors
GT1-ID16MX-1
Modules
Digital output
NPN (-- common)
0.5 A DC/Tr
GT1-OD16MX
PNP (+ common)
GT1-OD16MX-1
Digital input
NPN (+ common)
Fujitsu
DC/Tr
CE
GT1-ID16ML
PNP (-- common)
j
connectors
GT1-ID16ML-1
Digital output
NPN (-- common)
0.5 A DC/Tr
GT1-OD16ML
PNP (+ common)
GT1-OD16ML-1
Digital input
NPN (+ common)
25-pint
D
b
DC/Tr
GT1-ID16DS
PNP (-- common)
D-sub con-
nectors
GT1-ID16DS-1
Digital output
NPN (-- common)
nectors
0.5 A DC/Tr
GT1-OD16DS
PNP (+ common)
GT1-OD16DS-1
Multi-point
C
Digital input
NPN (+ common)
32
Fujitsu
DC/Tr
U, C, CE
GT1-ID32ML
Connector-type
Digital I/O
PNP (-- common)
j
connectors
,
,
GT1-ID32ML-1
Digital I/O
Modules
Digital output
NPN (-- common)
0.5 A DC/Tr
GT1-OD32ML
Modules
PNP (+ common)
GT1-OD32ML-1
Relay Output Modules
Item
I/O points
I/O connection
method
Description
Standards
Part number
Relay Output
16 points
M3 terminal
bl
k
2 A, AC, DC, SPST-NO
CE
GT1-ROS16
8 points
block
5 A, AC, DC, SPST-NO
U, L, CE
GT1-ROP08
Analog I/O Modules
Item
I/O
I/O connections
Description
Standards
Part number
Analog Input Module
8 inputs
Connectors
4to20mA, 0to20mA, 0to5V, 1 to5V,
0
10 V
10
10 V
U, C, CE
GT1-AD08MX
g
4 inputs
Terminal block
,
,
,
,
0to10V, --10to10V
,
,
GT1-AD04
Analog Input Module
8 inputs
Connectors
4to20mA, 0to20mA, 0to5V, 1 to5V,
0
10 V
10
10 V
U, L, CE
GT1-AD08MX
g
4 inputs
Terminal block
,
,
,
,
0to10V, --10to10V
, ,
GT1-AD04
Analog Output
M d l
4 outputs
Connector
0to5V, 1 to5V, 0 to 10 V, --10 to 10 V
U, C, CE
GT1-DA04MX
g
Module
Terminal block
0to5V, 1 to5V, 0 to 10 V, --10 to 10 V,
4to20mA
,
,
GT1-DA04
Counter Module
Item
External I/O
I/O connection method
Operating mode
Standards
Part number
Counter Module
1 input, 2 outputs
Terminal block (M3 terminals)
Linear counter
CE
GT1-CT01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com