Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CN-R2ML-500 Datasheet(PDF) 64 Page - Omron Electronics LLC

Part # E5CN-R2ML-500
Description  Digital Temperature Controllers/Digital Controllers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-R2ML-500 Datasheet(HTML) 64 Page - Omron Electronics LLC

Back Button E5CN-R2ML-500 Datasheet HTML 60Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 61Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 62Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 63Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 64Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 65Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 66Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 67Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 68Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 72 page
background image
E5
@N/E5@N-H
64
M
M
M
M
M
M
M
pmov
0
oapt
0
icpt
0
wtpt
off
pfpt
off
pmsk
on
prlp
0
M
M
M
M
M
M
M
psel
cwf
u-no
1
bps
9.6
len
7
sbit
2
prty
even
sdwt
20
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
in-t
5
in-h
100
in-l
0
dp
0
d-u
c
sl-h
1300.0
c
sl-l
-200.0
c
cntl
pid
s-hc
stnd
st
on
ptrn
off
cp
20
c-cp
20
alt1
2
alt2
2
alt3
2
tr-t
off
tr-h
100.0
tr-l
0.0
o1-t
4-20
clfl
flot
calb
off
mot
30
off
sqr
amov
0
M
M
pbnk
7
M
alh1
0.2
c
M
alh2
0.2
c
M
alh3
0.2
c
M
M
M
M
ev-1
none
ev-2
stop
ev-3
none
ev-4
none
M
ev-b
1
M
orev
or-r
ST (Self-tuning)
Protect Level
Communications
Setting Level
The time taken to move to the protect level
can be adjusted by changing the "Move to
protect level time" setting.
Displayed only for models with communications. Changes
are effective after cycling power or after a software reset.
Move to Protect Level:
Displayed only when a password
is set. Restricts moving to protect
level.
Operation/Adjustment
Protect:
Restricts displaying and
modifying menus in
operation, adjustment, and
manual control levels.
Initial Setting/
Communications Protect:
This protect level restricts
movement to the initial setting,
communications setting, and
advanced function setting levels.
Setting Change Protect:
Protects changes to setups
by operating the front panel
keys.
Password to Move to
Protect Level:
Password setting
PF Key Protect
Restricts PF key operation
(E5AN-H/E5EN-H only)
Parameter Mask Enable:
Displayed only when a
parameter mask is set.
Protocol Setting:
Switches between
CompoWay/F (SYSWAY)
and Modbus.
Communications Unit No.
Communications
Baud Rate
CompoWay/F
(SYSWAY) only
Communications
Data Length
Communications
Stop Bits
Communications Parity
Send Data Wait Time
Press the
O Key for at least 1 s.
Press the
O Key less than 1 s.
Initial Setting Level
Input Type
Scaling Upper Limit
Scaling Lower Limit
Decimal Point
For input type of analog
Temperature Unit
°C, °F
For input type of
temperature
SP Upper Limit
SP Lower Limit
Limit the set point
PID ON/OFF
Standard or
Heating/Cooling
For input type of
temperature,
standard control, or
PID
Program Pattern
When assigning PID or
control output to ON/OFF
output
Control Period (Heating)
Control Period (Cooling)
Set the ON/OFF
output cycle.
Direct/Reverse Operation
Alarm 1 Type
Alarm 1
Hysteresis
Press the
O Key for at least 3 s.
Other than the Auto/Manual Switch display
Press the
O Key less than 1 s.
Alarm 2 Type
Alarm 3 Type
Alarm 2
Hysteresis
Alarm 3
Hysteresis
Transfer Output Type
Linear output
Transfer Output
Upper Limit
Transfer Output
Lower Limit
Linear Current Output
Linear output
Bank Numbers Used
Event Input
Assignment 1
Event Input
Assignment 2
Event Input
Assignment 3
Event Input
Assignment 4
Extraction of Square
Root Enable
Move to Advanced Function
Setting Level:
Displayed when initial
setting/ communications
protect is set to 0.
Move by setting password (
−169).
Valid Program Bank
Closed/Floating
Motor Calibration
Travel Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com