Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CN-R2ML-500 Datasheet(PDF) 44 Page - Omron Electronics LLC

Part # E5CN-R2ML-500
Description  Digital Temperature Controllers/Digital Controllers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-R2ML-500 Datasheet(HTML) 44 Page - Omron Electronics LLC

Back Button E5CN-R2ML-500 Datasheet HTML 40Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 41Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 42Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 43Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 44Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 45Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 46Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 47Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 48Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
E5AN-H/E5EN-H
44
Lineup
Note: The Controller can be used for heating/cooling control even if only 1 control output is used.
Model Number Structure
Model Number Legend
Controllers
1. Type
H: Advanced
2. Control Mode
Blank: Standard or heating/cooling control
P: Position-proportional control
3. Control Output 1
A: Control Output Unit
R: Relay output
S: SSR output
4. Control Output 2
A: Control Output Unit
R: Relay output
S: SSR output
5. Auxiliary Outputs
2: Two outputs
3: Three outputs
6. Option 1
Blank: None
H: Heater burnout/SSR failure/Heater overcurrent detection (CT1)
HH: Heater burnout/SSR failure/Heater overcurrent detection
(CT2)
7. Option 2
B: Two event inputs
BF: Event input + Transfer output
8. Option 3
M: Option Unit can be mounted.
9. Power Supply Voltage
Blank: 100 to 240 VAC
D: 24 VAC/VDC
10.Case Color
Blank: Black
W: Silver
11.Terminal Cover
-500: With Terminal Cover
Option Units
1. Function
EN01: RS-232C communications
EN02: RS-422 communications
EN03: RS-485 communications
AKB: Event input
Output Units
1. Control Output
R: Relay output
Q: Voltage output (for driving SSR)
Q3: Voltage output (for driving SSR) + 24 VDC (NPN)
Q4: Voltage output (for driving SSR) + 24 VDC (PNP)
C3: Current output + 4 to 20 mA DC
C3D: Current output + 0 to 20 mA DC
V34: Linear voltage output + 0 to 10 VDC
V35: Linear voltage output + 0 to 5 VDC
2. Version
Blank: Available for E5AN-H/E5EN-H and E5AK/E5EK.
N: Available only for E5AN-H/E5EN-H.
E5AN-H/E5EN-H
Advanced Type
2 control outputs
1 control output
2 auxiliary outputs
2 auxiliary outputs
Terminal block
Fully universal input
1 23456 78 9 10
11
E5AN/E5EN-
@@@@@@@M@-@-500
1
E53-
@
1 2
E53-
@@
This data sheet is provided as a guideline for selecting products. Be sure to refer to the following user manuals for application precautions
and other information required for operation before attempting to use the product.
E5CN-H/E5AN-H/E5EN-H Digital Controllers User's Manual Advanced Type (Cat. No. H157)
E5CN-H/E5AN-H/E5EN-H Digital Controllers Communications Manual Advanced Type (Cat. No. H159)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com