Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CN-R2ML-500 Datasheet(PDF) 53 Page - Omron Electronics LLC

Part # E5CN-R2ML-500
Description  Digital Temperature Controllers/Digital Controllers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-R2ML-500 Datasheet(HTML) 53 Page - Omron Electronics LLC

Back Button E5CN-R2ML-500 Datasheet HTML 49Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 50Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 51Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 52Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 53Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 54Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 55Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 56Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 57Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
E5AN-H/E5EN-H
53
External Connections
• A voltage output (control output 1, for driving SSR) is not electrically insulated from the internal circuits. When using a grounding thermocouple,
do not connect any of the control output terminals to ground. If the control output terminals are connected to ground, errors will occur in the
measured temperature values as a result of leakage current.
The voltage output (control output 2, for driving SSR) has basic insulation provided for the internal circuit
Note: Wire all voltage input terminals correctly. The Controller may fail if voltage input terminals are wired incorrectly.
Output Unit
Control outputs 1, 2
Relay Outputs
250 VAC, 5 A
(resistive load)
SSR Outputs
75 to 250 VAC, 1A
(resistive load)
Models with Position-
proportional Control
250 VAC, 1 A
(including inrush
current)
Potentiometer
RDB
RDA
SG
SDB
SDA
4 to 20 mA DC
(Load: 600
Ω max.)
4 to 20 mA DC
1
2
3
4
5
6
7
8
9
10
21
22
23
24
25
26
27
28
29
30
21
22
23
24
25
26
27
28
29
30
21
22
23
24
25
26
27
28
29
30
11
12
13
14
15
16
17
18
19
20
EV4
EV3
Transfer output
Remote SP input
DO NOT USE
• 100 to 240 VAC
• 24 VAC/VDC (no polarity)
Input power
supply
Auxiliary output 2
Control output 1
B
V
mA
Control output 2
CT2
CT1
EV1
EV2
CT2
DO NOT
USE
DO NOT
USE
DO NOT
USE
B
A
C
W
O
DO NOT
USE
DO NOT
USE
DO NOT
USE
DO NOT
USE
Auxiliary output 1
Event Inputs
EV1
EV2
Event Inputs
Communications
B (
+)
A (
−)
DO NOT USE
B (
+)
A (
−)
11
12
13
21
22
E53-EN03
RS-485
11
12
13
21
22
E53-EN01
RS-232C
SD
RD
SG
DO NOT USE
DO NOT USE
11
12
13
21
22
E53-AKB
11
12
13
21
22
E53-EN02
RS-422
Control outputs 1, 2
Relay output
SPST-NO,
250 VAC, 3 A
(resistive load)
Auxiliary outputs 1, 2
Relay output
SPDT, 250 VAC, 3 A
(resistive load)
Auxiliary output 3
A heater burnout alarm, SSR
failure, heater overcurrent
alarm, or input alarm is sent
to the output to which the
alarm 1 function is assigned.
Auxiliary output 3
14
15
16
Option Units
Controllers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com