Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CN-R2ML-500 Datasheet(PDF) 70 Page - Omron Electronics LLC

Part # E5CN-R2ML-500
Description  Digital Temperature Controllers/Digital Controllers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-R2ML-500 Datasheet(HTML) 70 Page - Omron Electronics LLC

Back Button E5CN-R2ML-500 Datasheet HTML 64Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 65Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 66Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 67Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 68Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 69Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 70Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 71Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 72Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 70 / 72 page
background image
70
CX-Thermo Support Software Ver. 4.0
EST2-2C-MV4
Monitoring/Setting Support Software for E5CN/CN-H, E5AN/AN-H,
E5EN/EN-H, E5ZN, E5
@R/@R-T, and EJ1 Temperature Controllers
Enabling Faster Parameter Setup, Device Adjustment, and
Maintenance
• Enables editing and batch-downloading parameters from a
personal computer, reducing the work required to set parameters.
Usability is improved with table-formatted parameter editing from
version. 4.0.
• Supports Trend Monitoring:
Monitor data (PV,SP,MV,PID parameter, Alarm ON/OFF, etc.) for
up to 31 E5
@N/@N-H Temperature Controllers.
Connect up to 64 EJ1N, 17 EJ1G, or 16 E5ZN Temperature
Controllers. (The Temperature Controllers must be from the same
series.)
• Supports parameter masks to hide parameters unnecessary to
display. (Supported only by the E5
@N/@N-H and E5@R/@R-T).
• Logic operations enable setting inputs from external inputs (event
inputs) or temperature status, outputs to external outputs (control or
auxiliary outputs), and changing operating status with ON/OFF
delays.
(Supported only by the E5
@N/@N-H).
• Easy adjustment of control performance by fine-tuning.
✽ Fine-tuning instructs the CX-Thermo to calculate a PID parameters by
directly inputting commands to improve response.
Ordering Information
List of Models
Specifications
Name
Model
CX-Thermo Support Software
EST2-2C-MV4
Compatible
devices
Temperature
Controllers
E5CN (available from April 2004)
E5AN, E5EN (available from Feb 2005),
E5CN-H, E5AN-H, E5EN-H
E5AR, E5ER
E5AR-T, E5ER-T
E5ZN
EJ1N-TC4, EJ1N-TC2, EJ1N-HFU
EJ1G-TC4, EJ1G-TC2, EJ1G-HFU
G3ZA (only when connected to EJ1N-TC4, EJ1N-TC2, EJ1G-TC4, EJ1G-TC2)
Note: Models with DeviceNet communications are not supported.
Personal
computer
system
requirements
OS
Windows 2000 (service pack 3 or higher), XP, or Vista (Japanese or English version)
CPU
300 MHz min.
Memory
128 MB min.
Harddisk
300 MB min. available space
CD-ROM
One CD-ROM drive min.
Monitor
SVGA (800
× 600) min.
Communications
ports
• RS-232C port, or USB port, 1 port min.
Connection method
• An E58-CIFQ1 USB-Serial Conversion Cable is required to connect a computer to the setup tool port the
E5
@N, E5@N-H, or EJ1.
• A K3SC Interface Converter is used to connect a computer to models with RS-422/RS-485
communications.
• An E58-CIFIR USB-Infrared Conversion Cable is required to wirelessly connect a computer to models with
infrared communications (E5AN-H or E5EN-H).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com