Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM400 Datasheet(PDF) 8 Page - Analog Devices

Part # AM400
Description  UNIVERSAL AMPLIFIER IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AM400 Datasheet(HTML) 8 Page - Analog Devices

Back Button AM400 Datasheet HTML 4Page - Analog Devices AM400 Datasheet HTML 5Page - Analog Devices AM400 Datasheet HTML 6Page - Analog Devices AM400 Datasheet HTML 7Page - Analog Devices AM400 Datasheet HTML 8Page - Analog Devices AM400 Datasheet HTML 9Page - Analog Devices AM400 Datasheet HTML 10Page - Analog Devices AM400 Datasheet HTML 11Page - Analog Devices AM400 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
UNIVERSAL AMPLIFIER IC
AM400
analog microelectronics
October 2005
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
8/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev.: 4.2
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
Output voltage VOUTAD at pin OUTAD is calculated as:
GAIN
INOP
OUTAD
G
V
V
⋅
=
with


+
=
1
2
1
R
R
G
GAIN
(2)
where VINOP is the voltage at the OP1 input pin INOP. Alternatively, the OP1 input pin INOP can
also be used as an input for signals referenced to ground (see Application 2, Figure 6).
3. The IC’s voltage output VOUT is realized via the current-limited operational amplifier stage
(OP2) which has integrated protection against reverse polarity. The internal gain of OP2 is set to
a fixed value of GOP = 2.2. The output is engineered as a driver stage. The following applies to
OP2’s output voltage VOUT at the IC pin VOUT:
INDAV
OP
OUT
V
G
V
⋅
=
(3)
where VINDAV is the voltage at pin INDAV (OP2 input).
V
BG
17
5
IA
7
6
10
18
15
14
13
12
11
20
V
I
16
19
Voltage reference
1
9
OP1
8
Ground
V
S
I
OUT
R
1
R
2
C
1
R
0
T
1
D
1
R
5
3
4
2
AM400-0
V
REF
OP2
OP3
V
OUT
V
ZA
V
INOP
V
SET
V
OUTAD
V
IN+
V
IN-
V
CVREF
V
CVSET
V
OUTIA
R
3
R
4
V
INDAI VINDAV
Figure 2: Block diagram of AM400 showing external components (3-wire circuit
with a current output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com