Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM400 Datasheet(PDF) 12 Page - Analog Devices

Part # AM400
Description  UNIVERSAL AMPLIFIER IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AM400 Datasheet(HTML) 12 Page - Analog Devices

Back Button AM400 Datasheet HTML 8Page - Analog Devices AM400 Datasheet HTML 9Page - Analog Devices AM400 Datasheet HTML 10Page - Analog Devices AM400 Datasheet HTML 11Page - Analog Devices AM400 Datasheet HTML 12Page - Analog Devices AM400 Datasheet HTML 13Page - Analog Devices AM400 Datasheet HTML 14Page - Analog Devices AM400 Datasheet HTML 15Page - Analog Devices AM400 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
UNIVERSAL AMPLIFIER IC
AM400
analog microelectronics
October 2005
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
12/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev.: 4.2
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
Here, IOUTmax stands for the maximum output current and VCCmin for the minimum IC supply
voltage which is dependent on the selected reference voltage:
V
1
min
+
≥
REF
CC
V
V
(12)
The working range resulting from Equation 11 is described in Figure 4. Example calculations and
typical values for the external components can be found in the example applications.
POINTS TO NOTE: INITIAL OPERATION OF AM400
1. When operating AM400 it is imperative that external capacitance C1 (a high-grade ceramic
capacitor) is always connected (cf. Figure 2). Care must be taken that the value of the
capacitance does not lie beyond its given range, even across the range of temperature (see
Boundary Conditions on page 7). In 2-wire operation ceramic capacitor C2 must also be used.
2. All of the AM400 function blocks not used by the application (e.g. OP3) must be connected up
to a defined (and permitted) potential.
3. The voltages at the IA inputs (pins IN+ and IN–) must always lie within input voltage range
CMIR, even if the IA is not used.
4. When the voltage output is in operation the load resistance at pin VOUT must be at least 2k
Ω.
5. A load resistance of 600
Ω maximum is permitted with operation of the current output.
6. The values of external resistors R0, R1, R2, R3, R4 and R5 must be selected within the permissible
range given in the boundary conditions on page 7.
VS [V]
RL [Ω]
6
35
VCCmin = 6V
RLmax = 600Ω
IOUTmax = 20mA
18
R
VV
I
L
S
CCmin
OUTmax
≤
−
24
12
600
Working range
0
300
0
Figure 4: Working range in conjunction with the load resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com