Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM400 Datasheet(PDF) 10 Page - Analog Devices

Part # AM400
Description  UNIVERSAL AMPLIFIER IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AM400 Datasheet(HTML) 10 Page - Analog Devices

Back Button AM400 Datasheet HTML 6Page - Analog Devices AM400 Datasheet HTML 7Page - Analog Devices AM400 Datasheet HTML 8Page - Analog Devices AM400 Datasheet HTML 9Page - Analog Devices AM400 Datasheet HTML 10Page - Analog Devices AM400 Datasheet HTML 11Page - Analog Devices AM400 Datasheet HTML 12Page - Analog Devices AM400 Datasheet HTML 13Page - Analog Devices AM400 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
UNIVERSAL AMPLIFIER IC
AM400
analog microelectronics
October 2005
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
10/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev.: 4.2
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
OPERATING AM400
General information on 2- and 3-wire applications
In 3-wire operation (cf. Figure 5, for example) the ground of the IC (pin GND) is connected up to
the external mass of the system Ground. The system's supply voltage VS is connected to pin VCC
and pin VCC to pin RS+.
In 2-wire operation (cf. Figure 7) system supply voltage VS is connected to pin RS+ and pin VCC to
RS-. The ground of the IC (pin GND) is connected to the node between resistor R5 and load resistor
RL (current output IOUT). IC ground (GND) is not the same as system ground (Ground)!! The output
signal is picked up via load resistor RL which connects current output IOUT to the system ground.
In 2-wire operation the IC ground is "virtual" (floating), as with a constant load resistance the
supply voltage of the device VCC changes according to the current. As a rule, the following equation
applies to 2-wire operation:
()
L
IN
OUT
S
CC
R
V
I
V
V
−
=
(5)
The reason for this is that in 2-wire operation the IC is connected in series to the actual load resistor
RL. This is illustrated in Figure 3.
In 3-wire operation Equation 5 no longer applies as the IC ground is connected to the ground of the
system. For 3-wire operation the supply voltage can be expressed thus:
S
CC
V
V
=
(6)
In a 2-wire setup the power consumption of the overall system (AM400 and all external
components including the adjusting resistors) may not exceed IOUTmin (usually 4mA).
R
L
V
S
2-wire system
Signal source and
conditioning IC
GND Ground
≠
V
CC ≠ VS
Ground
R
L
3-wire system
Signal source and
conditioning IC
GND Ground
=
V
CC = VS
Ground GND
=
GND
V
CC
I
OUT
I
OUT
VV
CC
S
=
Figure 3: The difference between 2- and 3-wire operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com