Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM400 Datasheet(PDF) 15 Page - Analog Devices

Part # AM400
Description  UNIVERSAL AMPLIFIER IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AM400 Datasheet(HTML) 15 Page - Analog Devices

Back Button AM400 Datasheet HTML 11Page - Analog Devices AM400 Datasheet HTML 12Page - Analog Devices AM400 Datasheet HTML 13Page - Analog Devices AM400 Datasheet HTML 14Page - Analog Devices AM400 Datasheet HTML 15Page - Analog Devices AM400 Datasheet HTML 16Page - Analog Devices AM400 Datasheet HTML 17Page - Analog Devices AM400 Datasheet HTML 18Page - Analog Devices AM400 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
UNIVERSAL AMPLIFIER IC
AM400
analog microelectronics
October 2005
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
15/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev.: 4.2
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
Figure 6 shows a 3-wire application in which AM400 amplifies and converts a voltage signal
referenced to ground. The blocks unused by the application (IA and OP3) are set to a defined
operating point. Alternatively, these function blocks can also be used for the supply of external
components, for example.
In the above application output voltage VOUT is calculated using Equations 2 and 3 as:
IN
V
OUT
V
G
V
=
with
2
.
2
1
2
1 

+
=
=
R
R
G
G
G
OP
GAIN
V
According to Equation 4 the following applies to output current IOUT:
SET
I
IN
OUT
I
R
G
V
I
+
=
0
8
with


+
=
=
2
1
1
R
R
G
G
GAIN
I
and
4
3
4
0
2
R
R
R
R
V
I
REF
SET
+
⋅
=
Example 2: VIN =0…1V (referenced to ground), IOUT = 4...20mA and VOUT = 0...10V
For a signal of VIN = 0...1V at the OP1 input the external components are to be dimensioned in such
a way that the output current has a range of 4...20mA and the output voltage one of 0...10V.
Observing the boundary conditions the following values are obtained for the external components:
R0 ≈ 35.5Ω
R1 ≈ 35.5kΩ
R2 = 10kΩ
R3 = 83kΩ
R4 = 5kΩ
R5 = 39Ω
RL = 0...600Ω
C1 = 2.2µF
3) Typical 2-wire application with a differential input signal
In 2-wire operation (cf. Figure 7) system supply voltage VS is connected up to pin RS+ and pin VCC
to pin RS-. The ground of the IC (pin GND) is connected to the node between resistor R5 and load
resistor RL (current output IOUT). IC ground (GND) is not the same as system ground (Ground)!!
The output signal is picked up via load resistor RL which connects current output IOUT to the system
ground.
Figure 7 shows a typical 2-wire application in which the differential output signal of a current-
powered measuring bridge is amplified by the IA and OP1 and converted by the V/I converter.
Operational amplifier OP3 supplies the measuring bridge with current. Bridge supply current IS can
be set using resistor RSET according to Equation 13.
According to Equation 4 the following applies to the output current of the 2-wire application:
SET
I
IN
OUT
I
R
G
V
I
+
=
0
8
with
)
to
connected
(
0
GND
ZA
V
ZA =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com