Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM400 Datasheet(PDF) 1 Page - Analog Devices

Part # AM400
Description  UNIVERSAL AMPLIFIER IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AM400 Datasheet(HTML) 1 Page - Analog Devices

  AM400 Datasheet HTML 1Page - Analog Devices AM400 Datasheet HTML 2Page - Analog Devices AM400 Datasheet HTML 3Page - Analog Devices AM400 Datasheet HTML 4Page - Analog Devices AM400 Datasheet HTML 5Page - Analog Devices AM400 Datasheet HTML 6Page - Analog Devices AM400 Datasheet HTML 7Page - Analog Devices AM400 Datasheet HTML 8Page - Analog Devices AM400 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
UNIVERSAL AMPLIFIER IC
AM400
analog microelectronics
Februar 2006
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
1/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev.: 4.3
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
PRINCIPLE FUNCTION
Amplification and conversion of differential input voltages or
those referenced to ground to industrial standard current (0/4...20mA) or
voltage signals (e.g. 0...5/10V, 0.5...4.5V)
TYPICAL APPLICATIONS
• Transducer for sensor applications
• Analog industrial output stage for microprocessor applications
• Modular signal conditioning with digital correction (Frame ASIC [1])
• Protected output stage power network
• Impedance converter
I
OUT = 0/4...20mA
AM400
V = 6…35V
CC
I = max 10mA
S
Differential input
voltage 400mV
Input voltage referenced
to ground 0...V -5V
CC
V = 0...V - 5V
adjustable, e.g. 0...5/10V
OUT
CC
V = 5/10V
REF


Similar Part No. - AM400

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
AM400 WOLFSPEED-AM400 Datasheet
312Kb / 21P
UNIVERSAL AMPLIFIER IC
Februar 2006 Rev.: 4.3
logo
Analog Microelectronics...
AM400 ANALOGMICRO-AM400 Datasheet
312Kb / 21P
PRINCIPLE FUNCTION
Februar 2006
logo
AiT Semiconductor Inc.
AM4003 AITSEMI-AM4003 Datasheet
484Kb / 8P
MOSFET 30V N-CHANNEL ENHANCEMENT-MODE
REV1.0 - SEP 2021
logo
Analog Power
AM400N04-01B ANALOGPOWER-AM400N04-01B Datasheet
422Kb / 5P
N-Channel 40-V (D-S) MOSFET
More results

Similar Description - AM400

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
Zentrum Mikroelektronik...
ASI4U ZMD-ASI4U Datasheet
1Mb / 57P
Universal Actuator-Sensor Interface IC
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
Vicor Corporation
PI2001 VICOR-PI2001 Datasheet
817Kb / 23P
Universal Active ORing Controller IC
PI2003 VICOR-PI2003 Datasheet
605Kb / 16P
Universal Active ORing Controller IC
logo
List of Unclassifed Man...
SAP5SD-A-G1-T ETC2-SAP5SD-A-G1-T Datasheet
657Kb / 63P
Universal Actuator-Sensor Interface IC
logo
Maxim Integrated Produc...
MAX20317 MAXIM-MAX20317 Datasheet
983Kb / 47P
Universal 3.5mmØ Accessory Management IC
Rev 0; 5/17
logo
STMicroelectronics
L99UDL01 STMICROELECTRONICS-L99UDL01 Datasheet
635Kb / 24P
Automotive universal door lock IC
02-May-2019
logo
WOLFSPEED, INC.
AM400 WOLFSPEED-AM400 Datasheet
312Kb / 21P
UNIVERSAL AMPLIFIER IC
Februar 2006 Rev.: 4.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com