Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5532B Datasheet(PDF) 24 Page - Microchip Technology

Part # USB5532B
Description  2-Port SS/HS USB Hub Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5532B Datasheet(HTML) 24 Page - Microchip Technology

Back Button USB5532B Datasheet HTML 20Page - Microchip Technology USB5532B Datasheet HTML 21Page - Microchip Technology USB5532B Datasheet HTML 22Page - Microchip Technology USB5532B Datasheet HTML 23Page - Microchip Technology USB5532B Datasheet HTML 24Page - Microchip Technology USB5532B Datasheet HTML 25Page - Microchip Technology USB5532B Datasheet HTML 26Page - Microchip Technology USB5532B Datasheet HTML 27Page - Microchip Technology USB5532B Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
2-Port SS/HS USB Hub Controller
Datasheet
Revision 1.2 (05-31-13)
24
SMSC USB5532B
DATASHEET
5.2
SMBus Slave Interface
The SMBus slave interface is enabled when pull-up resistors are detected on both SM_DAT and
SM_CLK for the first millisecond after reset. For operation in SMBus Legacy Mode, an additional pull-
up resistor is required on TRST. If the SMBus interface is enabled, then the USB5532B will wait
indefinitely for the SMBus host to configure the device. Once SMBus configuration is complete, device
initialization will proceed. To disable the SMBus, a pull-down resistor of 10 K
Ω must be applied to
SM_DAT. If SMBus is disabled, the device proceeds directly to device initialization using the internal
OTP ROM.
5.2.1
Pull-Up Resistor for SMBus
External pull-up resistors (10 k
Ω recommended) are required on the SM_DAT and SM_CLK pins when
implementing either SMBus mode.
Figure 5.11 SMBus Slave Connection
5.2.2
Protocol Implementation
Typical block write and block read protocols are shown in Figure 5.12 and Figure 5.13. SMBus RAM
buffer offset accesses are performed using 7-bit slave addressing, an 8- or 16-bit SMBus RAM buffer
offset field (for legacy and advanced modes, respectively), and an 8-bit data field. The shading shown
in the figures during a read or write indicates the hub is driving data on the SM_DAT line; otherwise,
host data is on the SM_DAT line.
The SMBus slave address assigned to the hub (0101100b or 0101101b) allows it to be identified on
the SMBus. The SMBus RAM buffer offset field is the internal offset in SMBus RAM to be accessed.
The data field is the data that the host is attempting to read/write from/to the SMBus RAM buffer.
Note: Data bytes are transferred MSB first.
5.2.2.1
Block Write/Read
The block write begins with a slave address and a write condition. After the command code, the host
issues a byte count which describes how many more bytes will follow in the message. If a slave had
20 bytes to send, the first byte would be the number 20 (14h), followed by the 20 bytes of data. The
byte count may not be zero. A block write or read allows a transfer maximum of 32 data bytes.
SMBus
Master
SM_CLK
SM_DAT
SCL
SDA
VDD
10 k
Ω
SMSC USB Hub
10 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com